Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4645V8I-4.5A Datasheet(PDF) 1 Page - Xicor Inc.

Part # X4645V8I-4.5A
Description  CPU Supervisor with 64K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4645V8I-4.5A Datasheet(HTML) 1 Page - Xicor Inc.

  X4645V8I-4.5A Datasheet HTML 1Page - Xicor Inc. X4645V8I-4.5A Datasheet HTML 2Page - Xicor Inc. X4645V8I-4.5A Datasheet HTML 3Page - Xicor Inc. X4645V8I-4.5A Datasheet HTML 4Page - Xicor Inc. X4645V8I-4.5A Datasheet HTML 5Page - Xicor Inc. X4645V8I-4.5A Datasheet HTML 6Page - Xicor Inc. X4645V8I-4.5A Datasheet HTML 7Page - Xicor Inc. X4645V8I-4.5A Datasheet HTML 8Page - Xicor Inc. X4645V8I-4.5A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
REV 1.26 4/30/02
Characteristics subject to change without notice.
1 of 22
www.xicor.com
Preliminary Information
64K
X4643/5
8K x 8 Bit
CPU Supervisor with 64K EEPROM
FEATURES
• Selectable watchdog timer
•Low VCC detection and reset assertion
—Four standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—<20µA max standby current, watchdog on
—<1µA standby current, watchdog off
—3mA active current
• 64Kbits of EEPROM
—64-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—8-lead SOIC
—8-lead TSSOP
DESCRIPTION
The X4643/5 combines four popular functions, Power-on
Reset Control, Watchdog Timer, Supply Voltage
Supervision, and Serial EEPROM Memory in one
package. This
combination
lowers
system
cost,
reduces board space requirements, and increases reli-
ability.
Applying power to the device activates the power on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcon-
troller fails to restart a timer within a selectable time out
interval, the device activates the RESET/RESET signal.
The user selects the interval from three preset values.
Once selected, the interval does not change, even after
cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting the
system when VCC falls below the set minimum VCC trip
point. RESET/RESET is asserted until VCC returns to
proper operating level and stabilizes. Four industry
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power on and
Generation
VTRIP
+
-
RESET (X4643/5)
Reset
Low Voltage
Status
Register
Protect Logic
EEPROM Array
Watchdog Transition
Detector
WP
VCC Threshold
Reset Logic
RESET (X4645)
S0
S1


Similar Part No. - X4645V8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4645V8I-4.5A INTERSIL-X4645V8I-4.5A Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4645V8I-4.5A RENESAS-X4645V8I-4.5A Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results

Similar Description - X4645V8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Xicor Inc.
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com