Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40421V14I-A Datasheet(PDF) 4 Page - Xicor Inc.

Part # X40421V14I-A
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40421V14I-A Datasheet(HTML) 4 Page - Xicor Inc.

  X40421V14I-A Datasheet HTML 1Page - Xicor Inc. X40421V14I-A Datasheet HTML 2Page - Xicor Inc. X40421V14I-A Datasheet HTML 3Page - Xicor Inc. X40421V14I-A Datasheet HTML 4Page - Xicor Inc. X40421V14I-A Datasheet HTML 5Page - Xicor Inc. X40421V14I-A Datasheet HTML 6Page - Xicor Inc. X40421V14I-A Datasheet HTML 7Page - Xicor Inc. X40421V14I-A Datasheet HTML 8Page - Xicor Inc. X40421V14I-A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
X40420/X40421 – Preliminary
Characteristics subject to change without notice.
4 of 25
REV 1.2.14 7/12/02
www.xicor.com
PRINCIPLES OF OPERATION
Power On Reset
Applying power to the X40420/21 activates a Power On
Reset Circuit that pulls the RESET/RESET pins active.
This signal provides several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to sta-
bilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power up.
When VCC exceeds the device VTRIP1 threshold value
for tPURST (selectable) the circuit releases the RESET
(X40421) and RESET (X40420) pin allowing the system
to begin operation.
Figure 1. Connecting a Manual Reset Push-Button
Manual Reset
By connecting a push-button directly from MR to
ground, the designer adds manual system reset capa-
bility. The MR pin is LOW while the push-button is
closed and RESET/RESET pin remains LOW for
tPURST or till the push-button is released and for tPURST
thereafter. A weak pull up resistor is connected to the
MR pin.
Low Voltage V1 Monitoring
During operation, the X40420/21 monitors the VCC
level and asserts RESET if supply voltage falls below a
preset minimum VTRIP1. The RESET signal prevents
the microprocessor from operating in a power fail or
brownout condition. The V1FAIL signal remains active
until the voltage drops below 1V. It also remains active
until VCC returns and exceeds VTRIP1 for tPURST.
Low Voltage V2 Monitoring
The X40420/21 also monitors a second voltage level
and asserts V2FAIL if the voltage falls below a preset
minimum VTRIP2. The V2FAIL signal is either ORed
with RESET to prevent the microprocessor from oper-
ating in a power fail or brownout condition or used to
interrupt the microprocessor with notification of an
impending power failure. The V2FAIL signal remains
active until the VCC drops below 1V (VCC falling). It
also remains active until V2MON returns and exceeds
VTRIP2.
V2MON voltage monitor is powered by VOUT. If VCC
and VBATT go away, V2MON cannot be monitored.
Figure 2. Two Uses of Multiple Voltage Monitoring
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. A
standard read or write sequence to any slave address
byte restarts the watchdog timer and prevents the
WDO signal to go active. A minimum sequence to
reset the watchdog timer requires four microprocessor
instructions namely, a Start, Clock Low, Clock High and
Stop. The state of two nonvolatile control bits in the
Status Register determine the watchdog timer period.
The microprocessor can change these watchdog bits
by writing to the X40420/21 control register.
MR
System
Reset
Manual
Reset
X40420/21
RESET
Unreg.
Supply
VCC
5V
Reg
V2MON
X40420
Resistors selected so 3V appears on V2MON when unregulated
supply reaches 6V.
Unreg.
Supply
VCC
X40421
RESET
V2FAIL
System
VOUT
Reset
RESET
V2FAIL
VOUT
System
Reset
Notice: No external components required to monitor two voltages.
R
R
V2MON
5V
Reg
3V
Reg


Similar Part No. - X40421V14I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40421V14I-A INTERSIL-X40421V14I-A Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40421V14I-A RENESAS-X40421V14I-A Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
More results

Similar Description - X40421V14I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com