Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4645S8 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X4645S8
Description  CPU Supervisor with 64K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4645S8 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X4645S8 Datasheet HTML 2Page - Xicor Inc. X4645S8 Datasheet HTML 3Page - Xicor Inc. X4645S8 Datasheet HTML 4Page - Xicor Inc. X4645S8 Datasheet HTML 5Page - Xicor Inc. X4645S8 Datasheet HTML 6Page - Xicor Inc. X4645S8 Datasheet HTML 7Page - Xicor Inc. X4645S8 Datasheet HTML 8Page - Xicor Inc. X4645S8 Datasheet HTML 9Page - Xicor Inc. X4645S8 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
X4643/5 – Preliminary Information
Characteristics subject to change without notice.
6 of 22
REV 1.26 4/30/02
www.xicor.com
The X4643/5 resets itself after the first byte is read.
The master should supply a stop condition to be con-
sistent with the bus protocol, but a stop is not required
to end this operation.
BP2, BP1, BP0: Block Protect Bits (Nonvolatile)
The Block Protect Bits, BP2, BP1 and BP0, determine
which blocks of the array are write protected. A write to
a protected block of memory is ignored. The block pro-
tect bits will prevent write operations to the following
segments of the array.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a vola-
tile latch that powers up in the LOW (disabled) state.
While the WEL bit is LOW, writes to any address,
including any control registers will be ignored (no
acknowledge will be issued after the Data Byte). The
WEL bit is set by writing a “1” to the WEL bit and
zeroes to the other bits of the control register. Once
set, WEL remains set until either it is reset to 0 (by writ-
ing a “0” to the WEL bit and zeroes to the other bits of
the control register) or until the part powers up again.
Writes to the WEL bit do not cause a nonvolatile write
cycle, so the device is ready for the next operation
immediately after the stop condition.
WD1, WD0: Watchdog Timer Bits
The bits WD1 and WD0 control the period of the
Watchdog Timer. The options are shown below.
Write Protect Enable
These devices have an advanced block lock scheme that
protects one of five blocks of the array when enabled. It
provides hardware write protection through the use of a
WP pin and a nonvolatile Write Protect Enable (WPEN)
bit.
The Write Protect (WP) pin and the Write Protect
Enable (WPEN) bit in the Control Register control the
programmable Hardware Write Protect feature. Hard-
ware Write Protection is enabled when the WP pin and
the WPEN bit are HIGH and disabled when either the
WP pin or the WPEN bit is LOW. When the chip is Hard-
ware Write Protected, nonvolatile writes to the block pro-
tected sections in the memory array cannot be written
and the block protect bits cannot be changed. Only the
sections of the memory array that are not block pro-
tected can be written. Note that since the WPEN bit is
write protected, it cannot be changed back to a LOW
state; so write protection is enabled as long as the WP
pin is held HIGH.
76
5
4
3
2
1
0
WPEN
WD1 WD0 BP1
BP0
RWEL WEL BP2
Protected Addresses
(Size)
Array Lock
0
0
0
None (factory setting)
None
0
0
1
None
None
0
1
0
None
None
0
1
1
0000h - 1FFFh (8K bytes)
Full Array (All)
1
0
0
000h - 03Fh (64 bytes)
First Page (P1)
1
0
1
000h - 07Fh (128 bytes)
First 2 pgs (P2)
1
1
0
000h - 0FFh (256 bytes)
First 4 pgs (P4)
1
1
1
000h - 1FFh (512 bytes)
First 8 pgs (P8)
WD1
WD0
Watchdog Time Out Period
0
0
1.4 seconds
0
1
600 milliseconds
1
0
200 milliseconds
1
1
disabled (factory setting)
Table 1. Write Protect Enable Bit and WP Pin Function
WP
WPEN
Memory Array not
Block Protected
Memory Array
Block Protected
Block Protect
Bits
WPEN Bit
Protection
LOW
X
Writes OK
Writes Blocked
Writes OK
Writes OK
Software
HIGH
0
Writes OK
Writes Blocked
Writes OK
Writes OK
Software
HIGH
1
Writes OK
Writes Blocked
Writes Blocked
Writes Blocked
Hardware


Similar Part No. - X4645S8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4645S8 INTERSIL-X4645S8 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4645S8 RENESAS-X4645S8 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4645S8-2.7 INTERSIL-X4645S8-2.7 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4645S8-2.7 RENESAS-X4645S8-2.7 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4645S8-2.7A INTERSIL-X4645S8-2.7A Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
More results

Similar Description - X4645S8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Xicor Inc.
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com