Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM23CGCK-F Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AM23CGCK-F
Description  SOT-23 Surface Mount LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM23CGCK-F Datasheet(HTML) 3 Page - Kingbright Corporation

  AM23CGCK-F Datasheet HTML 1Page - Kingbright Corporation AM23CGCK-F Datasheet HTML 2Page - Kingbright Corporation AM23CGCK-F Datasheet HTML 3Page - Kingbright Corporation AM23CGCK-F Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO9649 / 1202001197 Rev No: V.2B Date: 06/26/2017
Page 3 / 4
TECHNICAL DATA
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Green
Wavelength (nm)
RELATIVE INTENSITY vs. WAVELENGTH
GREEN
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
15°
90°
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
AM23CGCK-F
0
10
20
30
40
50
1.5
1.7
1.9
2.1
2.3
2.5
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.


Similar Part No. - AM23CGCK-F

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AM23CGCK-F TO-GRACE-AM23CGCK-F Datasheet
828Kb / 4P
   SOT-23 Surface Mount LED Lamp
More results

Similar Description - AM23CGCK-F

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-SOT23D-DR GILWAY-GHB-SOT23D-DR Datasheet
144Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZUY48WA SUNLED-ZUY48WA Datasheet
189Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
   SOT-23 Surface Mount LED Lamp
AM23SRD-F TO-GRACE-AM23SRD-F Datasheet
1Mb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23EC-F KINGBRIGHT-AM23EC-F Datasheet
280Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AM23SGC-F TO-GRACE-AM23SGC-F Datasheet
817Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
Gilway Technical Lamp
GHB-SOT23D-Y GILWAY-GHB-SOT23D-Y Datasheet
142Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com