Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1357BMS+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1357BMS+H
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1357BMS+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1357BMS+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1357BMS+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1357BMS+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1357BMS+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1357BMS+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1357BMS+H Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE1357B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
1
Description
These P-Channel enhancement mode field effect transistors are produced using high cell density,
DMOS technology.
Features
VDS (V) = -20V,ID = -2A (VGS=-4.5V)
RDS(ON)<120mΩ @ VGS= -4.5V
RDS(ON)<150mΩ @ VGS= -2.5V
TSOT-23-3 Package
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous)
TA=25℃
ID
-2
A
TA=70℃
-1.8
Drain Current (Pulsed)
IDM
-7
A
Power Dissipation
TA=25℃
PD
1
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
Packaging Type
TSOT-23-3
Ordering information
ACE1357B XXX + H
BMS: TSOT-23-3
Pb - free
Halogen - free


Similar Part No. - ACE1357BMS+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1358B ACE-ACE1358B Datasheet
593Kb / 7P
   N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
More results

Similar Description - ACE1357BMS+H

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com