Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1220 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SB1220
Description  12 Amp Schottky Barrier Rectifier 20 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB1220 Datasheet(HTML) 1 Page - Micro Commercial Components

  SB1220 Datasheet HTML 1Page - Micro Commercial Components SB1220 Datasheet HTML 2Page - Micro Commercial Components SB1220 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB1220
THRU
SB12100
12 Amp Schottky
Barrier Rectifier
20 to 100 Volts
DO-201AD
Features
Low Forward Voltage Drop
High Current Capability and High Surge Current Capability
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
MCC
Part Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SB1220
20V
14V
20V
SB1230
30V
21V
30V
SB1240
40V
28V
40V
SB1250
50V
35V
50V
SB1260
60V
42V
60V
SB1280
80V
56V
80V
SB12100
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
12.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 12.0A;
TA = 25
°C(Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
50mA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
1 of 3
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Operating Temperature SB1220~SB1240: -65
°C to +125°C
SB1250~SB12100: -65
°C to +150°C
Storage Temperature: -65
°C to +150°C
SB1220~SB1240
SB1250~SB1260
SB1280~SB12100
.70V
.55V
.85V
DIMENSIONS
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
SB1220~SB1240
SB1250~SB12100
Measured at
1.0MHz, VR=4.0V
500pF
380pF
Typical Thermal
Resistance
15 C/W
O
RthJA
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SB1220

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB1220 DIOTEC-SB1220 Datasheet
98Kb / 2P
   Schottky Barrier Rectifiers
logo
Semikron International
SB1220 SEMIKRON-SB1220 Datasheet
378Kb / 2P
   Schottky barrier rectifiers diodes
logo
Micro Commercial Compon...
SB1220 MCC-SB1220 Datasheet
479Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
logo
Semikron International
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
   Schottky barrier rectifiers diodes
More results

Similar Description - SB1220

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SB1220 MCC-SB1220 Datasheet
479Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
   20 Amp 20 to 100 Volts Barrier Rectifier Schottky
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com