Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD214B-B220R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD214B-B220R
Description  Schottky Barrier Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214B-B220R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD214B-B220R Datasheet HTML 1Page - Bourns Electronic Solutions CD214B-B220R Datasheet HTML 2Page - Bourns Electronic Solutions CD214B-B220R Datasheet HTML 3Page - Bourns Electronic Solutions CD214B-B220R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
RoHScompliant*
n
Lowprofile
n
Lowpowerloss,highefficiency
n
UL94V-0classification
Applications
n
SwitchModePowerSupplies
n
Portableequipmentbatteries
n
Highfrequencyrectification
n
DC/DCConverters
n
Telecommunications
CD214B-B2xRSeriesSchottkyBarrierRectifierChipDiode
*RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
General Information
Portable communications, computing and video equipment manufacturers are
challenging the semiconductor industry to develop increasingly smaller electronic
components.
Bourns offers Schottky Rectifier Diodes for rectification applications, in a compact chip
package compatible with DO-214AA (SMB) size format, which offer PCB real estate
savings and are considerably smaller than competitive parts. The Schottky Rectifier
Diodes offer a forward current of 2 A with a choice of repetitive peak reverse voltage of
20 V up to 100 V.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD214B-
Unit
B220R
B240R
B260R
B2100R
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
100
V
Maximum Average Forward Current
IF(AV)
2
A
Maximum Peak Forward Surge Current
(8.3 ms Single Half Sine-Wave)
IFSM
50
A
Operating Junction Temperature Range
TOPR
-55 to +125
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Condition or Model
Min.
Typ.
Max.
Unit
Maximum Instantaneous
Forward Voltage (NOTE 1)
VF
IF = 1 A
CD214B-B220R
CD214B-B240R
0.41
V
CD214B-B260R
0.5
CD214B-B2100R
0.62
IF = 2 A
CD214B-B220R
CD214B-B240R
0.49
0.5
CD214B-B260R
0.6
0.7
CD214B-B2100R
0.75
0.85
DC Reverse Current
IR
VR = VRRM
0.025
0.2
mA
Typical Junction Capacitance
CJ
VR = 4 V, f = 1.0 MHz
115
pF
Typical
Thermal
Resistance
(NOTE 2)
Junction to
Ambient
RθJA
65
°C/W
Junction to
Lead
RθJL
17
NOTES:
(1) Pulse width 300 microsecond, 1 % duty cycle.
(2) Mounted on PCB with 5.0 x 5.0 mm (0.2 x 0.2 inch) copper pad areas.


Similar Part No. - CD214B-B220R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214B-B220 BOURNS-CD214B-B220 Datasheet
345Kb / 4P
   CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
CD214B-B220 BOURNS-CD214B-B220 Datasheet
358Kb / 4P
   CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
CD214B-B220LF BOURNS-CD214B-B220LF Datasheet
358Kb / 4P
   CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
More results

Similar Description - CD214B-B220R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com