Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5MP645YFPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS5MP645YFPR
Description  4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5MP645YFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5MP645YFPR Datasheet HTML 7Page - Texas Instruments TS5MP645YFPR Datasheet HTML 8Page - Texas Instruments TS5MP645YFPR Datasheet HTML 9Page - Texas Instruments TS5MP645YFPR Datasheet HTML 10Page - Texas Instruments TS5MP645YFPR Datasheet HTML 11Page - Texas Instruments TS5MP645YFPR Datasheet HTML 12Page - Texas Instruments TS5MP645YFPR Datasheet HTML 13Page - Texas Instruments TS5MP645YFPR Datasheet HTML 14Page - Texas Instruments TS5MP645YFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Switch
Network Analyzer
Source
Signal
50
50
DXP
Source
Signal
50
50
50
50
DXN
Copyright © 2018, Texas Instruments Incorporated
VI/O
/OE
RL
CL
V/OE
V/OE
VI/O
tON
VIL
90 %
10 %
1.8 V
VI/O
0 V
0 V
VIH
tOFF
VDD
1.65 V
VI/O
Copyright © 2018, Texas Instruments Incorporated
11
TS5MP645
www.ti.com
SCDS385 – JANUARY 2018
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Parameter Measurement Information (continued)
(1)
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω , tr = 3 ns,
tf = 3 ns.
(2)
CL includes probe and jig capacitance.
Figure 11. tON and tOFF Timing for OE
Figure 12. Off Isolation


Similar Part No. - TS5MP645YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646NYFPR TI1-TS5MP646NYFPR Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646YFPR TI1-TS5MP646YFPR Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
More results

Similar Description - TS5MP645YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
Diodes Incorporated
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
   2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
   2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
logo
ON Semiconductor
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
   2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
   2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
logo
Fairchild Semiconductor
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
   FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
ON Semiconductor
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
FSA634 ONSEMI-FSA634 Datasheet
986Kb / 8P
   2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
September, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com