Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5MP646YFPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS5MP646YFPR
Description  Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5MP646YFPR Datasheet(HTML) 3 Page - Texas Instruments

  TS5MP646YFPR Datasheet HTML 1Page - Texas Instruments TS5MP646YFPR Datasheet HTML 2Page - Texas Instruments TS5MP646YFPR Datasheet HTML 3Page - Texas Instruments TS5MP646YFPR Datasheet HTML 4Page - Texas Instruments TS5MP646YFPR Datasheet HTML 5Page - Texas Instruments TS5MP646YFPR Datasheet HTML 6Page - Texas Instruments TS5MP646YFPR Datasheet HTML 7Page - Texas Instruments TS5MP646YFPR Datasheet HTML 8Page - Texas Instruments TS5MP646YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
A
B
C
D
E
F
Not to scale
VDD
GND
DA4N
DA4P
OE
SEL
DB4N
DB4P
DA3N
DA3P
D4N
D4P
DB3N
DB3P
NC
NC
D3N
D3P
DB2N
DB2P
DA2N
DA2P
D2N
D2P
DB1N
DB1P
DA1N
DA1P
D1N
D1P
CLKBN
CLKBP
CLKAN
CLKAP
CLKN
CLKP
3
TS5MP646
www.ti.com
SCDS371 – JANUARY 2018
Product Folder Links: TS5MP646
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DSBGA Package
36 Pin (YFP)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VDD
A1
PWR
Power supply input
GND
A2
GND
Device Ground
DA4N
A3
I/O
Differential I/O
DA4P
A4
I/O
Differential I/O
OE
A5
I
Output enable (Active Low)
SEL
A6
I
Channel Select
DB4N
B1
I/O
Differential I/O
DB4P
B2
I/O
Differential I/O
DA3N
B3
I/O
Differential I/O
DA3P
B4
I/O
Differential I/O
D4N
B5
I/O
Differential I/O
D4P
B6
I/O
Differential I/O
DB3N
C1
I/O
Differential I/O
DB3P
C2
I/O
Differential I/O
NC
C3
-
No connect
NC
C4
-
No connect
D3N
C5
I/O
Differential I/O
D3P
C6
I/O
Differential I/O
DB2N
D1
I/O
Differential I/O
DB2P
D2
I/O
Differential I/O
DA2N
D3
I/O
Differential I/O


Similar Part No. - TS5MP646YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
[Old version datasheet]   4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP645NYFPR TI1-TS5MP645NYFPR Datasheet
1Mb / 31P
[Old version datasheet]   4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP645YFPR TI1-TS5MP645YFPR Datasheet
1Mb / 31P
[Old version datasheet]   4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
More results

Similar Description - TS5MP646YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
[Old version datasheet]   4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
Diodes Incorporated
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
   2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
   2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
   2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
logo
Will Semiconductor Ltd.
WAS4646 WILLSEMI-WAS4646 Datasheet
582Kb / 8P
   MIPI D-PHY 2.5Gbps, 4-Channel Differential, 2:1 Lane Switch
logo
ON Semiconductor
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
   2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
logo
Fairchild Semiconductor
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
   FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com