Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS574AN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS574AN
Description  Latch flip-flop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS574AN Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS574AN Datasheet HTML 1Page - NXP Semiconductors 74ALS574AN Datasheet HTML 2Page - NXP Semiconductors 74ALS574AN Datasheet HTML 3Page - NXP Semiconductors 74ALS574AN Datasheet HTML 4Page - NXP Semiconductors 74ALS574AN Datasheet HTML 5Page - NXP Semiconductors 74ALS574AN Datasheet HTML 6Page - NXP Semiconductors 74ALS574AN Datasheet HTML 7Page - NXP Semiconductors 74ALS574AN Datasheet HTML 8Page - NXP Semiconductors 74ALS574AN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Product specification
74ALS573B/74ALS574A
Latch/flip-flop
1991 Feb 08
5
FUNCTION TABLE – 74ALS574A
INPUTS
OUTPUTS
INTERNAL
OPERATING MODE
OE
CP
Dn
REGISTER
Q0 – Q7
OPERATING MODE
L
l
L
L
Latch and read register
L
h
H
H
Latch and read register
L
X
NC
NC
Hold
H
X
NC
Z
Disable outputs
H
Dn
Dn
Z
Disable outputs
H = High-voltage level
h
= High state must be present one setup time before the Low-to-High clock transition
L
= Low-voltage level
l
= Low state must be present one setup time before the Low-to-High clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low-to-High clock transition
↑ = Not Low-to-High clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
48
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–2.6
mA
IOL
Low-level output current
24
mA
Tamb
Operating free-air temperature range
0
+70
°C


Similar Part No. - 74ALS574AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS574AN PHILIPS-74ALS574AN Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
More results

Similar Description - 74ALS574AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS573B PHILIPS-74ALS573B Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74F534 PHILIPS-74F534 Datasheet
97Kb / 12P
   Latch/flip-flop
1999 Jan 08
74ALS373 PHILIPS-74ALS373 Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS563A PHILIPS-74ALS563A Datasheet
134Kb / 12P
   Latch flip/flop
1996 Jul 01
logo
Nexperia B.V. All right...
74F373 NEXPERIA-74F373 Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
Microsemi Corporation
TSC370 MICROSEMI-TSC370 Datasheet
828Kb / 2P
   Flip-Flop
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com