Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2737 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2737
Description  Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2737 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM2737 Datasheet HTML 2Page - New Japan Radio NJM2737 Datasheet HTML 3Page - New Japan Radio NJM2737 Datasheet HTML 4Page - New Japan Radio NJM2737 Datasheet HTML 5Page - New Japan Radio NJM2737 Datasheet HTML 6Page - New Japan Radio NJM2737 Datasheet HTML 7Page - New Japan Radio NJM2737 Datasheet HTML 8Page - New Japan Radio NJM2737 Datasheet HTML 9Page - New Japan Radio NJM2737 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
-6-
NJM2737
Ver.2004-02-24
s TYPICAL CHARACTERISTICS
Operating Current vs. Operating Voltage
0
200
400
600
800
1000
1200
1400
012
3
4
567
Operating Voltage[V]
Ta=85°C
Ta=-50°C
Ta=125°C
Ta=-40°C
Ta=25°C
Operating Current vs. Temperature
700
800
900
1000
1100
1200
1300
1400
-50
-25
0
25
50
75
100 125
Temperature[°C]
V
+=3V
V
+=1.8V
V
+=5V
Input Offset Voltage vs. Temperature
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-50
-25
0
25
50
75
100
125
Temperature[°C]
V
+=3V
V
+=1.8V
V
+=5V
Input Offset Current vs. Temperature
0
5
10
15
20
-50
-25
0
25
50
75
100
125
Temperature[°C]
V
+=3V
V
+=1.8V
V
+=5V
Input Bias Current vs. Temperature
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
Temperature[°C]
V
+=3V
V
+=1.8V
V
+=5V
Input Offset Voltage
vs. Input Common Mode Voltage
Ta=25°C
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
Input Common Mode Voltage[V]
-2.0
-1.0
0.0
1.0
2.0
V+/V-=±2.5V
V+/V-=±1.5V
V
+/V-=±0.9V


Similar Part No. - NJM2737

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
NJM2730 NJRC-NJM2730 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
NJM2730 NJRC-NJM2730 Datasheet
1Mb / 18P
   14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
NJM2730F NJRC-NJM2730F Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results

Similar Description - NJM2737

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
logo
Rohm
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
logo
New Japan Radio
NJM2746 NJRC-NJM2746 Datasheet
259Kb / 7P
   Single Supply Dual Operational Amplifier with Full Swing Output
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com