Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2737 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2737
Description  Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2737 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2737 Datasheet HTML 1Page - New Japan Radio NJM2737 Datasheet HTML 2Page - New Japan Radio NJM2737 Datasheet HTML 3Page - New Japan Radio NJM2737 Datasheet HTML 4Page - New Japan Radio NJM2737 Datasheet HTML 5Page - New Japan Radio NJM2737 Datasheet HTML 6Page - New Japan Radio NJM2737 Datasheet HTML 7Page - New Japan Radio NJM2737 Datasheet HTML 8Page - New Japan Radio NJM2737 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
-1-
NJM2737
Ver.2004-02-24
Low Noise Low Supply Voltage Dual Operational Amplifier
with Full Swing Input and Output
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
NJM2737 is a single supply dual operational amplifier with
full swing input and output, operates from 1.8V.
Noise characteristic is designed low as conventional low
noise operational amplifiers, such as NJM5532 and NJM4580.
It is suitable for PC audio, portable audio and other low
voltage single supplied audio applications.
s FEATURES
q Operating Voltage
1.8 to 6.0V
q Low Input Voltage Noise
5nV/
√Hz typ.
q Gain Band Width product
3.1MHz typ. at V
+=5V,R
L=2k
q Slew Rate
0.7V/µs typ. at V
+=5V,R
L=2k
q Offset Voltage
5mV max
q Input Full-Swing
VICM= 0 to 5.0V at V
+=5V
q Output Full-Swing
VOH
≥ 4.9V/ V
OL
≤ 0.15V at V+=5V,R
L=20k
q Load Drivability
VOH
≥ 4.75V/ V
OL
≤ 0.25V at V+=5V,R
L=2k
q Bipolar Technology
q Package Outline
DIP8,DMP8,SSOP8,TVSP8
s PIN CONFIGURATION
NJM2737D
NJM2737M
NJM2737V
NJM2737RB1
1
2
3
5
4
7
6
8
PIN CONFIGURATION
1.OUTPUT1
2.-INPUT1
3.+INPUT1
4.V
-
5.+INPUT2
6.-INPUT2
7.OUTPUT2
8.V
+


Similar Part No. - NJM2737

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
NJM2730 NJRC-NJM2730 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
NJM2730 NJRC-NJM2730 Datasheet
1Mb / 18P
   14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
NJM2730F NJRC-NJM2730F Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results

Similar Description - NJM2737

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
logo
Rohm
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
logo
New Japan Radio
NJM2746 NJRC-NJM2746 Datasheet
259Kb / 7P
   Single Supply Dual Operational Amplifier with Full Swing Output
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com