Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-SSD3SM18-24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA-SSD3SM18-24
Description  PLUG PINS ARE SURFACE MOUNT SOLDERED TO THE CIRCUIT BOARD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA-SSD3SM18-24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA-SSD3SM18-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PA-SSD3SM18-24

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
PA-SERIES VANLONG-PA-SERIES Datasheet
43Kb / 1P
   Excellent temperature stability, temperature compensated
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
PA-SOD-2006-08 ETC2-PA-SOD-2006-08 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
PA-SOD-2006-14 ETC2-PA-SOD-2006-14 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
PA-SOD-2006-16 ETC2-PA-SOD-2006-16 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
More results

Similar Description - PA-SSD3SM18-24

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
FPH8-1 MAJOR-LEAGUE-FPH8-1 Datasheet
98Kb / 2P
   .0315cl Dual Row - Straight Surface Mount Board to Board Plug
FPH5-2 MAJOR-LEAGUE-FPH5-2 Datasheet
107Kb / 2P
   .0197cl Dual Row - Straight Surface Mount Board to Board Plug
FPH5-1 MAJOR-LEAGUE-FPH5-1 Datasheet
91Kb / 2P
   .0197cl Dual Row - Right Angle Surface Mount Board to Board Plug
logo
Adam Technologies, Inc.
BB5-SOA-XXX-G-TR ADAM-TECH-BB5-SOA-XXX-G-TR Datasheet
109Kb / 1P
   BOARD TO BOARD FEMALE SURFACE MOUNT
logo
PHOENIX CONTACT
2792028 PHOENIX-2792028 Datasheet
130Kb / 5P
   Cost-effective series production, since the base element and the assembled PCB are soldered by machine
logo
Bedford Opto Technology...
SML31 BOT-SML31 Datasheet
59Kb / 3P
   SURFACE MOUNT 3mm CIRCUIT BOARD INDICATOR
logo
Mill-Max Mfg. Corp.
0906-8-15-20-75-14-11-0 MILL-MAX-0906-8-15-20-75-14-11-0 Datasheet
113Kb / 3P
   Swage Pins are Annealed
logo
List of Unclassifed Man...
CM130 ETC2-CM130_1 Datasheet
683Kb / 1P
   MOST APPROPRIATE FOR HIGH-DENSITY CIRCUIT BOARD BY THE SMALL SURFACE MOUNT TYPE
logo
Molex Electronics Ltd.
5017450501 MOLEX11-5017450501 Datasheet
411Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board Plug, Surface Mount, Dual Row, Vertical
5017450601 MOLEX11-5017450601 Datasheet
411Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board Plug, Surface Mount, Dual Row, Vertical
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com