Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CMGSU300LE Datasheet(PDF) 5 Page - ATMEL Corporation

Part # PC755CMGSU300LE
Description  PowerPC 755/745 RISC Microprocessor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMGSU300LE Datasheet(HTML) 5 Page - ATMEL Corporation

  PC755CMGSU300LE Datasheet HTML 1Page - ATMEL Corporation PC755CMGSU300LE Datasheet HTML 2Page - ATMEL Corporation PC755CMGSU300LE Datasheet HTML 3Page - ATMEL Corporation PC755CMGSU300LE Datasheet HTML 4Page - ATMEL Corporation PC755CMGSU300LE Datasheet HTML 5Page - ATMEL Corporation PC755CMGSU300LE Datasheet HTML 6Page - ATMEL Corporation PC755CMGSU300LE Datasheet HTML 7Page - ATMEL Corporation PC755CMGSU300LE Datasheet HTML 8Page - ATMEL Corporation PC755CMGSU300LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
PC755/745
2138D–HIREL–06/03
Supports flow through (register-buffer) synchronous burst SRAMs, pipelined
(register-register) synchronous burst SRAMs (3-1-1-1 or strobeless 4-1-1-1)
and pipelined (register-register) late-write synchronous burst SRAMs
L2 configurable to direct mapped SRAM interface or split cache/direct
mapped or private memory
Core-to-L2 frequency divisors of 1, 1.5, 2, 2.5, and 3 supported
64-bit data bus
Selectable interface voltages of 2.5V and 3.3V
Parity checking on both L2 address and data
Memory Management Unit
128 entry, 2-way set associative instruction TLB
128 entry, 2-way set associative data TLB
Hardware reload for TLBs
Hardware or optional software tablewalk support
8 instruction BATs and 8 data BATs
8 SPRGs, for assistance with software tablewalks
Virtual memory support for up to 4 hexabytes (2
52) of virtual memory
Real memory support for up to 4 gigabytes (2
32) of physical memory
Bus Interface
Compatible with 60X processor interface
32-bit address bus
64-bit data bus, 32-bit mode selectable
Bus-to-core frequency multipliers of 2x, 3x, 3.5x, 4x, 4.5x, 5x, 5.5x, 6x, 6.5x,
7x, 7.5x, 8x, 10x supported
Selectable interface voltages of 2.5V and 3.3V.
Parity checking on both address and data busses
Power Management
Low-power design with thermal requirements very similar to PC740/750.
Selectable interface voltage of 1.8V/2.0V can reduce power in output buffers
(compared to 3.3V)
Three static power saving modes: doze, nap, and sleep
Dynamic power management
Testability
LSSD scan design
IEEE 1149.1 JTAG interface
Integrated Thermal Management Assist Unit
One-ship thermal sensor and control logic
Thermal
Management
Interrupt
for
software
regulation
of
junction
temperature


Similar Part No. - PC755CMGSU300LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC70 VISHAY-PC70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V1NSZX SHARP-PC702V1NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC755CMGSU300LE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com