Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CVGSU300LE Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PC755CVGSU300LE
Description  PowerPC 755/745 RISC Microprocessor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGSU300LE Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PC755CVGSU300LE Datasheet HTML 7Page - ATMEL Corporation PC755CVGSU300LE Datasheet HTML 8Page - ATMEL Corporation PC755CVGSU300LE Datasheet HTML 9Page - ATMEL Corporation PC755CVGSU300LE Datasheet HTML 10Page - ATMEL Corporation PC755CVGSU300LE Datasheet HTML 11Page - ATMEL Corporation PC755CVGSU300LE Datasheet HTML 12Page - ATMEL Corporation PC755CVGSU300LE Datasheet HTML 13Page - ATMEL Corporation PC755CVGSU300LE Datasheet HTML 14Page - ATMEL Corporation PC755CVGSU300LE Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
PC755/745
2138D–HIREL–06/03
L2AVDD
L13
2V
2V
L2CE
P17
Low
Output
L2CLKOUTA
N15
Output
L2CLKOUTB
L16
Output
L2DATA[0
-63]
U14, R13, W14, W15, V15, U15, W16, V16, W17, V17, U17, W18,
V18, U18, V19, U19, T18, T17, R19, R18, R17, R15, P19, P18,
P13, N14, N13, N19, N17, M17, M13, M18, H13, G19, G16, G15,
G14, G13, F19, F18, F13, E19, E18, E17, E15, D19, D18, D17,
C18, C17, B19, B18, B17, A18, A17, A16, B16, C16, A14, A15,
C15, B14, C14, E13
High
I/O
L2DP[0
-7]
V14, U16, T19, N18, H14, F17, C19, B15
High
I/O
L2OVDD
D15, E14, E16, H16, J15, L15, M16, P15, R14, R16, T15, F15
1.8V/2V
3.3V
L2SYNC_IN
L14
Input
L2SYNC_OUT
M14
Output
L2_TSTCLK(2)
F7
High
Input
L2VSEL(1)(3)(5)(6)
A19
High
Input
GND
3.3V
L2WE
N16
Low
Output
L2ZZ
G17
High
Output
LSSD_MODE(2)
F9
Low
Input
MCP
B11
Low
Input
NC (No
-Connect)
B3, B4, B5, W19, K9, K114, K194
OVDD
D5, D8, D12, E4, E6, E9, E11, F5, H4, J5, L5, M4, P5, R4, R6, R9,
R11, T5, T8, T12
1.8V/2V
3.3V
PLL_CFG[0
-3]
A4, A5, A6, A7
High
Input
QACK
B2
Low
Input
QREQ
J3
Low
Output
RSRV
D3
Low
Output
SMI
A12
Low
Input
SRESET
E10
Low
Input
SYSCLK
H9
Input
TA
F1
Low
Input
TBEN
A2
High
Input
TBST
A11
Low
I/O
TCK
B10
High
Input
TDI(6)
B7
High
Input
TDO
D9
High
Output
Table 2. Pinout Listing for the PC755, 360 PBGA, CBGA and CI-CGA Packages + HiTCE
(8) (Continued)
Signal Name
Pin Number
Active
I/O
I/F Voltages
Supported(1)
1.8V/2.0V
3.3V


Similar Part No. - PC755CVGSU300LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC70 VISHAY-PC70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V1NSZX SHARP-PC702V1NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC755CVGSU300LE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com