Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CMZFU350LE Datasheet(PDF) 9 Page - ATMEL Corporation

Part # PC755CMZFU350LE
Description  PowerPC 755/745 RISC Microprocessor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU350LE Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button PC755CMZFU350LE Datasheet HTML 5Page - ATMEL Corporation PC755CMZFU350LE Datasheet HTML 6Page - ATMEL Corporation PC755CMZFU350LE Datasheet HTML 7Page - ATMEL Corporation PC755CMZFU350LE Datasheet HTML 8Page - ATMEL Corporation PC755CMZFU350LE Datasheet HTML 9Page - ATMEL Corporation PC755CMZFU350LE Datasheet HTML 10Page - ATMEL Corporation PC755CMZFU350LE Datasheet HTML 11Page - ATMEL Corporation PC755CMZFU350LE Datasheet HTML 12Page - ATMEL Corporation PC755CMZFU350LE Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
PC755/745
2138D–HIREL–06/03
Notes:
1. OV
DD supplies power to the processor bus, JTAG, and all control signals and VDD supplies power to the processor core and
the PLL (after filtering to become AVDD). These columns serve as a reference for the nominal voltage supported on a given
signal as selected by the BVSEL pin configuration of Table 4 and the voltage supplied. For actual recommended value of VIN
or supply voltages see Table 3.
2. These are test signals for factory use only and must be pulled up to OVDD for normal machine operation.
3. To allow for future I/O voltage changes, provide the option to connect BVSEL independently to either OVDD (selects 3.3V) or
to OGND (selects 1.8V/2.0V).
4. Uses one of 15 existing no
-connects in PC745’s 255-BGA package.
5. Internal pull up on die.
6. Internally tied to GND in the PC745 255
-BGA package to indicate to the power supply that a low-voltage processor is
present. This signal is not a power supply input.
MCP
C13
Low
Input
NC (No
-
Connect)
B7, B8, C3, C6, C8, D5, D6, H4, J16, A4, A5, A2, A3, B5
OVDD
C7, E5, E7, E10, E12, G3, G5, G12, G14, K3, K5, K12, K14,
M5, M7, M10, M12, P7, P10
1.8V/2.0V
3.3V
PLL_CFG[0
-3]
A8, B9, A9, D9
High
Input
QACK
D3
Low
Input
QREQ
J3
Low
Output
RSRV
D1
Low
Output
SMI
A16
Low
Input
SRESET
B14
Low
Input
SYSCLK
C9
Input
TA
H14
Low
Input
TBEN
C2
High
Input
TBST
A14
Low
I/O
TCK
C11
High
Input
TDI(5)
A11
High
Input
TDO
A12
High
Output
TEA
H13
Low
Input
TLBISYNC
C4
Low
Input
TMS(5)
B11
High
Input
TRST(5)
C10
Low
Input
TS
J13
Low
I/O
TSIZ[0
-2]
A13, D10, B12
High
Output
TT[0
-4]
B13, A15, B16, C14, C15
High
I/O
WT
D2
Low
Output
V
DD 2
F6, F8, F9, F11, G7, G10, H6, H8, H9, H11, J6, J8, J9, J11,
K7, K10, L6, L8, L9, L11
2V
2V
VOLTDET(6)
F3
High
Output
Table 1. Pinout Listing for the PC745, 255 PBGA Package (Continued)
Signal Name
Pin Number
Active
I/O
I/F Voltages Supported(1)
1.8V/2.0V
3.3V


Similar Part No. - PC755CMZFU350LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC70 VISHAY-PC70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V1NSZX SHARP-PC702V1NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC755CMZFU350LE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com