Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD15VS1UB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD15VS1UB
Description  ESD protection diodes in SOD 523 package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD15VS1UB Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD15VS1UB Datasheet HTML 1Page - NXP Semiconductors PESD15VS1UB Datasheet HTML 2Page - NXP Semiconductors PESD15VS1UB Datasheet HTML 3Page - NXP Semiconductors PESD15VS1UB Datasheet HTML 4Page - NXP Semiconductors PESD15VS1UB Datasheet HTML 5Page - NXP Semiconductors PESD15VS1UB Datasheet HTML 6Page - NXP Semiconductors PESD15VS1UB Datasheet HTML 7Page - NXP Semiconductors PESD15VS1UB Datasheet HTML 8Page - NXP Semiconductors PESD15VS1UB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
9397 750 13313
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 June 2004
2 of 15
Philips Semiconductors
PESDxS1UB series
ESD protection diodes in SOD 523 package
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
Cd
diode capacitance
VR = 0 V; f = 1 MHz
PESD3V3S1UB
207
pF
PESD5V0S1UB
152
pF
PESD12VS1UB
38
pF
PESD15VS1UB
32
pF
PESD24VS1UB
23
pF
number of protected
lines
1
Table 1:
Quick reference data …continued
Symbol
Parameter
Conditions
Value
Unit
Table 2:
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
12
Top view
sym035
12
Table 3:
Ordering information
Type number
Package
Name
Description
Version
PESDxS1UB
SC -79
plastic surface mounted package; 2 leads
SOD523
Table 4:
Marking
Type number
Marking code
PESD3V3S1UB
N1
PESD5V0S1UB
N2
PESD12VS1UB
N3
PESD15VS1UB
N4
PESD24VS1UB
N5


Similar Part No. - PESD15VS1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VS1UB NXP-PESD15VS1UB Datasheet
123Kb / 15P
   ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
logo
Nexperia B.V. All right...
PESD15VS1UB NEXPERIA-PESD15VS1UB Datasheet
226Kb / 12P
   ESD protection diode in SOD523 package
14 April 2023
logo
Guangdong Youtai Semico...
PESD15VS1UB UMW-PESD15VS1UB Datasheet
382Kb / 7P
   Unidirectional ESD protection of one line
logo
Nexperia B.V. All right...
PESD15VS1UB-Q NEXPERIA-PESD15VS1UB-Q Datasheet
225Kb / 12P
   ESD protection diode in SOD523 package
18 August 2022
More results

Similar Description - PESD15VS1UB

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
ESD5Z15 CHENDA-ESD5Z15 Datasheet
2Mb / 5P
   SOD-523 Plastic-Encapsulate ESD Protection Diodes
LESD5Z5.0C CHENDA-LESD5Z5.0C Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate ESD Protection Diodes
ESD5Z CHENDA-ESD5Z Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate ESD Protection Diodes
ESD5Z24 CHENDA-ESD5Z24 Datasheet
3Mb / 5P
   SOD-523 Plastic-Encapsulate ESD Protection Diodes
logo
Sirectifier Global Corp...
N03AD92 SIRECT-N03AD92 Datasheet
180Kb / 2P
   ESD Protection Diodes in SOD-923 Package
logo
Vishay Siliconix
VESD05A1B-02V VISHAY-VESD05A1B-02V Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESDXX-02V VISHAY-VESDXX-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
VESD01-02V VISHAY-VESD01-02V_10 Datasheet
63Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESD05A1B-02V-GS08 VISHAY-VESD05A1B-02V-GS08 Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESD05B1-02V VISHAY-VESD05B1-02V Datasheet
112Kb / 6P
   Single ESD-Protection Diode in SOD-523
Rev. 1.2, 05-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com