Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CMGHU350LE Datasheet(PDF) 1 Page - ATMEL Corporation

Part # PC755CMGHU350LE
Description  PowerPC 755/745 RISC Microprocessor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMGHU350LE Datasheet(HTML) 1 Page - ATMEL Corporation

  PC755CMGHU350LE Datasheet HTML 1Page - ATMEL Corporation PC755CMGHU350LE Datasheet HTML 2Page - ATMEL Corporation PC755CMGHU350LE Datasheet HTML 3Page - ATMEL Corporation PC755CMGHU350LE Datasheet HTML 4Page - ATMEL Corporation PC755CMGHU350LE Datasheet HTML 5Page - ATMEL Corporation PC755CMGHU350LE Datasheet HTML 6Page - ATMEL Corporation PC755CMGHU350LE Datasheet HTML 7Page - ATMEL Corporation PC755CMGHU350LE Datasheet HTML 8Page - ATMEL Corporation PC755CMGHU350LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1
2138D–HIREL–06/03
Features
18.1SPECint95, Estimates 12.3 SPECfp95 at 400 MHz (PC755)
15.7SPECint95, 9SPECfp95 at 350 MHz (PC745)
733 MIPS at 400 MHz (PC755) at 641 MIPS at 350 MHz (PC745)
Selectable Bus Clock (12 CPU Bus Dividers up to 10x)
PD Typical 6.4W at 400 MHz, Full Operating Conditions
Nap, Doze and Sleep Modes for Power Savings
Superscalar (3 Instructions per Clock Cycle) Two Instruction + Branch
4 Beta Byte Virtual Memory, 4-GByte of Physical Memory
64-bit Data and 32-bit Address Bus Interface
32-KB Instruction and Data Cache
Six Independent Execution Units
Write-back and Write-through Operations
f
INT max = 400 MHz (TBC)
f
BUS max = 100 MHz
Voltage I/O 2.5V/3.3V; Voltage Int 2.0V
Description
The PC755 and PC745 PowerPC
® microprocessors are high-performance, low-
power, 32-bit implementations of the PowerPC Reduced Instruction Set Computer
(RISC) architecture, especially enhanced for embedded applications.
The PC755 and PC745 microprocessors differ only in that the PC755 features an
enhanced, dedicated L2 cache interface with on-chip L2 tags. The PC755 is a drop-in
replacement for the award winning PowerPC 750
microprocessor and is footprint
and user software code compatible with the MPC7400 microprocessor with AltiVec
technology. The PC745 is a drop-in replacement for the PowerPC 740
microproces-
sor and is also footprint and user software code compatible with the PowerPC 603e
microprocessor. PC755/745 microprocessors provide on-chip debug support and are
fully JTAG-compliant.
The PC745 microprocessor is pin compatible with the TSPC603e family.
ZF suffix
PBGA255
Flip-Chip Plastic Ball Grid Array
ZF suffix
PBGA360
Flip-Chip Plastic Ball Grid Array
G suffix
CBGA360
Ceramic Ball Grid Array
GH suffix
HITCE 360
Ceramic Ball Grid Array
GS suffix
CI-CGA360
Ceramic Ball Grid Array with
Solder Column Interposer (SCI)
PowerPC
755/745 RISC
Microprocessor
PC755/745
Preliminary
β-site
Rev. 2138D–HIREL–06/03


Similar Part No. - PC755CMGHU350LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC70 VISHAY-PC70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V1NSZX SHARP-PC702V1NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC755CMGHU350LE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com