Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWW-KZKG Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DWW-KZKG
Description  Power DomiLED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWW-KZKG Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DWW-KZKG_16 Datasheet HTML 1Page - DOMINANT Semiconductors DWW-KZKG_16 Datasheet HTML 2Page - DOMINANT Semiconductors DWW-KZKG_16 Datasheet HTML 3Page - DOMINANT Semiconductors DWW-KZKG_16 Datasheet HTML 4Page - DOMINANT Semiconductors DWW-KZKG_16 Datasheet HTML 5Page - DOMINANT Semiconductors DWW-KZKG_16 Datasheet HTML 6Page - DOMINANT Semiconductors DWW-KZKG_16 Datasheet HTML 7Page - DOMINANT Semiconductors DWW-KZKG_16 Datasheet HTML 8Page - DOMINANT Semiconductors DWW-KZKG_16 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
03/11/2016 V4.0
1
Features:
> High brightness surface mount LED.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Built in ESD protection.
> Compliance to automotive standard; AEC-Q101.
> Superior corrosion resistant.
Power DomiLED
With its significant power in terms brightness, viewing angle and variety of
application possibilities, Power DomiLED™ truly is a standout performer!
Ideal for automotive interior lighting as well as home, office and industrial
applications, it is also a proven performer in electronic signs and signals.
DATA SHEET:
Power DomiLED
InGaN White : DWW-KZKG
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
DOMINANT
Opto Technologies
Innovating Illumination
TM
Applications:
> Automotive:
Exterior applications, eg: position lamp, license plate lamp, side marker.
> Interior, eg: switches, cluster, climate control, dash boards, mirror lamp,
ambient lighting.


Similar Part No. - DWW-KZKG_16

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWW-KZKG-L1P2 DOMINANT-DWW-KZKG-L1P2 Datasheet
1Mb / 15P
   Power DomiLED
DWW-KZKG-Y2Z-L1P2 DOMINANT-DWW-KZKG-Y2Z-L1P2 Datasheet
1Mb / 15P
   Power DomiLED
More results

Similar Description - DWW-KZKG_16

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWX-HKG DOMINANT-DWX-HKG_17 Datasheet
1Mb / 14P
   Power DomiLED
DWX-PJG DOMINANT-DWX-PJG_17 Datasheet
1Mb / 14P
   Power DomiLED
DWX-MJS DOMINANT-DWX-MJS_17 Datasheet
1Mb / 15P
   Power DomiLED
DWX-MZJS DOMINANT-DWX-MZJS_18 Datasheet
1Mb / 14P
   Power DomiLED
DWZY-KZKG DOMINANT-DWZY-KZKG_16 Datasheet
1Mb / 15P
   Power DomiLED
DWX-MKG DOMINANT-DWX-MKG Datasheet
1Mb / 15P
   Power DomiLED
DWW-KZKG-L1P2 DOMINANT-DWW-KZKG-L1P2 Datasheet
1Mb / 15P
   Power DomiLED
DWX DOMINANT-DWX Datasheet
1Mb / 13P
   Power DomiLED
DWX-PKG DOMINANT-DWX-PKG_16 Datasheet
1Mb / 14P
   Power DomiLED
D6W-VZKG DOMINANT-D6W-VZKG Datasheet
1Mb / 15P
   Extreme Power DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com