Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CVGU366LE Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PC755CVGU366LE
Description  PowerPC 755/745 RISC Microprocessor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU366LE Datasheet(HTML) 3 Page - ATMEL Corporation

  PC755CVGU366LE Datasheet HTML 1Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 2Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 3Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 4Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 5Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 6Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 7Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 8Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
PC755/745
2138D–HIREL–06/03
General Parameters
The following list provides a summary of the general parameters of the PC755:
Features
This section summarizes features of the PC755’s implementation of the PowerPC archi-
tecture. Major features of the PC755 are as follows:
Branch Processing Unit
Four instructions fetched per clock
One branch processed per cycle (plus resolving 2 speculations)
Up to 1 speculative stream in execution, 1 additional speculative stream in
fetch
512-entry branch history table (BHT) for dynamic prediction
64-entry, 4-way set associative Branch Target Instruction Cache (BTIC) for
eliminating branch delay slots
Dispatch Unit
Full hardware detection of dependencies (resolved in the execution units)
Dispatch two instructions to six independent units (system, branch,
load/store, fixed-point unit 1, fixed-point unit 2, floating-point)
Serialization control (predispatch, postdispatch, execution serialization)
Decode
Register file access
Forwarding control
Partial instruction decode
Completion
6 entry completion buffer
Instruction tracking and peak completion of two instructions per cycle
Completion of instructions in program order while supporting out-of-order
instruction execution, completion serialization and all instruction flow
changes
Fixed Point Units (FXUs) that share 32 GPRs for Integer Operands
Fixed Point Unit 1 (FXU1)-multiply, divide, shift, rotate, arithmetic, logical
Fixed Point Unit 2 (FXU2)-shift, rotate, arithmetic, logical
Technology
0.22 µm CMOS, six-layer metal
Die size
6.61 mm x 7.73 mm (51 mm
2)
Transistor count
6.75 million
Logic design
Fully-static Packages
PC745
Surface mount 255 Plastic Ball Grid Array (PBGA)
PC755
Surface mount 360 Plastic Ball Grid Array (PBGA)
Surface mount 360 Ceramic Ball Grid Array (CI-CGA, CBGA,
HiTCE)
Core power supply
2V ± 100 mV DC (nominal; some parts support core voltages
down to 1.8V; see Table 5 for recommended operating
conditions)
I/O power supply
2.5V ± 100 mV DC or 3.3V ± 165 mV DC (input thresholds are
configuration pin selectable)


Similar Part No. - PC755CVGU366LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC70 VISHAY-PC70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V1NSZX SHARP-PC702V1NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC755CVGU366LE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com