Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CMGSU400LE Datasheet(PDF) 8 Page - ATMEL Corporation

Part # PC755CMGSU400LE
Description  PowerPC 755/745 RISC Microprocessor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMGSU400LE Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button PC755CMGSU400LE Datasheet HTML 4Page - ATMEL Corporation PC755CMGSU400LE Datasheet HTML 5Page - ATMEL Corporation PC755CMGSU400LE Datasheet HTML 6Page - ATMEL Corporation PC755CMGSU400LE Datasheet HTML 7Page - ATMEL Corporation PC755CMGSU400LE Datasheet HTML 8Page - ATMEL Corporation PC755CMGSU400LE Datasheet HTML 9Page - ATMEL Corporation PC755CMGSU400LE Datasheet HTML 10Page - ATMEL Corporation PC755CMGSU400LE Datasheet HTML 11Page - ATMEL Corporation PC755CMGSU400LE Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
PC755/745
2138D–HIREL–06/03
Pinout Listings
Table 1 provides the pinout listing for the PC745, 255 PBGA package.
Table 1. Pinout Listing for the PC745, 255 PBGA Package
Signal Name
Pin Number
Active
I/O
I/F Voltages Supported(1)
1.8V/2.0V
3.3V
A[0
-31]
C16, E4, D13, F2, D14, G1, D15, E2, D16, D4, E13, G2,
E15, H1, E16, H2, F13, J1, F14, J2, F15, H3, F16, F4, G13,
K1, G15, K2, H16, M1, J15, P1
High
I/O
AACK
L2
Low
Input
ABB
K4
Low
I/O
AP[0
-3]
C1, B4, B3, B2
High
I/O
ARTRY
J4
Low
I/O
AVDD
A10
2V
2V
BG
L1
Low
Input
BR
B6
Low
Output
BVSEL(3)(4)(5)
B1
High
Input
GND
3.3V
CI
E1
Low
Output
CKSTP_IN
D8
Low
Input
CKSTP_OUT
A6
Low
Output
CLK_OUT
D7
Output
DBB
J14
Low
I/O
DBG
N1
Low
Input
DBDIS
H15
Low
Input
DBWO
G4
Low
Input
DH[0
-31]
P14, T16, R15, T15, R13, R12, P11, N11, R11, T12, T11,
R10, P9, N9, T10, R9, T9, P8, N8, R8, T8, N7, R7, T7, P6,
N6, R6, T6, R5, N5, T5, T4
High
I/O
DL[0
-31]
K13, K15, K16, L16, L15, L13, L14, M16, M15, M13, N16,
N15, N13, N14, P16, P15, R16, R14, T14, N10, P13, N12,
T13, P3, N3, N4, R3, T1, T2, P4, T3, R4
High
I/O
DP[0
-7]
M2, L3, N2, L4, R1, P2, M4, R2
High
I/O
DRTRY
G16
Low
Input
GBL
F1
Low
I/O
GND
C5, C12, E3, E6, E8, E9, E11, E14, F5, F7, F10, F12, G6,
G8, G9, G11, H5, H7, H10, H12, J5, J7, J10, J12, K6, K8,
K9, K11, L5, L7, L10, L12, M3, M6, M8, M9, M11, M14, P5,
P12
HRESET
A7
Low
Input
INT
B15
Low
Input
L1_TSTCLK(2)
D11
High
Input
L2_TSTCLK(2)
D12
High
Input
LSSD_MODE(2)
B10
Low
Input
-–


Similar Part No. - PC755CMGSU400LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC70 VISHAY-PC70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V1NSZX SHARP-PC702V1NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC755CMGSU400LE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com