Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5399PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SM5399PL
Description  1.5 Amp Rectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM5399PL Datasheet(HTML) 1 Page - Micro Commercial Components

  SM5399PL Datasheet HTML 1Page - Micro Commercial Components SM5399PL Datasheet HTML 2Page - Micro Commercial Components SM5399PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM5391PL
THRU
SM5399PL
1.5 Amp
Rectifier
50 - 1000 Volts
Features
Glass passivated chip junction
High forward surge capability
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance; 2
0°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SM5391PL
50V
35V
50V
SM5392PL
100V
70V
100V
SM5393PL
200V
140V
200V
SM5395PL
400V
280V
400V
SM5397PL
600V
420V
600V
SM5398PL
800V
560V
800V
SM5399PL
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5A
TA = 7
5°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.5A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100µA
TA = 25
°C
TA = 1
25°C
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
Revision:
A
201
7/06/03
G15A
G15B
G15D
G15G
G15M
G15J
G15K
www.mccsemi.com
1 of
3
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.0
47
0.90
1.
20
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
Cathode
Band


Similar Part No. - SM5399PL

ManufacturerPart #DatasheetDescription
logo
Dc Components
SM5399 DCCOM-SM5399 Datasheet
339Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
SM5399 PACELEADER-SM5399 Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
SM5399 SHUNYE-SM5399 Datasheet
262Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
SM5399 SHUNYE-SM5399 Datasheet
293Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
logo
Bytes
SM5399A BYTES-SM5399A Datasheet
153Kb / 2P
   1.5 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - SM5399PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5391 MCC-1N5391 Datasheet
78Kb / 3P
   1.5 Amp Rectifier 50 - 1000 Volts
1N5391 MCC-1N5391_11 Datasheet
442Kb / 4P
   1.5 Amp Rectifier 50 - 1000 Volts
1N5391 MCC-1N5391_13 Datasheet
490Kb / 4P
   1.5 Amp Rectifier 50 - 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5391 YFWDIODE-1N5391 Datasheet
72Kb / 3P
   1.5 Amp Rectifier 50 - 1000 Volts
1N5391-DO15 YFWDIODE-1N5391-DO15 Datasheet
416Kb / 3P
   1.5 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N5391GP MCC-1N5391GP Datasheet
78Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N5391GP CHENYI-1N5391GP Datasheet
48Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP_11 Datasheet
429Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
FR151S MCC-FR151S Datasheet
232Kb / 4P
   1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com