Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT64-04 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT64-04
Description  Small Signal Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT64-04 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT64-04_16 Datasheet HTML 1Page - Micro Commercial Components BAT64-04_16 Datasheet HTML 2Page - Micro Commercial Components BAT64-04_16 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Small Signal Schottky
Diode
Features
For low-loss, fast-recovery, meter protection,
bias isolation and clamping applications
Integrated diffused guard ring
Low forward voltage
VRM
Peak Reverse Voltage
40
V
IF
Peak Forward Current
0.25
A
IFSM
Forward Surge Current, tp=10ms
0.8
A
Pd
Power Dissipation , Tc=2

250
mw
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +125
Rthja
Thermal Resistance Junction to
Ambient
400
o
C/W
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=1mAdc)
(IF=10mAdc)
(IF=30mAdc)
(IF=100mAdc)
---
---
---
---
350
430
520
750
mVdc
IR
Reverse Current
(VR=
25Vdc)
---
---
2
µAdc
CT
Diode Capacitance
(VR=5V, f=1MHZ)
6
pF
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision: A
1 of
3
2016/01/26
BAT64-04
BAT64-05
BAT64-06
BAT64-06 MARKING:66S
BAT64-05 MARKING:65S
BAT64-04 MARKING: 64S
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
Maximum Ratings
Symbol
Parameter
Rating
Unit
---
---
---
---
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
in ches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
C B
D
E
F
G
H
J
K
B
.083
.104
2.10
2.64
Micro Commercial Components
M C C
TM
---
---


Similar Part No. - BAT64-04_16

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAT64-04-HF KEXIN-BAT64-04-HF Datasheet
1Mb / 2P
   Schottky Diodes
logo
Infineon Technologies A...
BAT64-04E6327 INFINEON-BAT64-04E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
logo
Siemens Semiconductor G...
BAT64-04W SIEMENS-BAT64-04W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64-04W INFINEON-BAT64-04W Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
logo
Guangdong Kexin Industr...
BAT64-04W KEXIN-BAT64-04W Datasheet
49Kb / 2P
   Silicon Schottky Diodes
More results

Similar Description - BAT64-04_16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com