Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67041-A4712-A4 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # Q67041-A4712-A4
Description  Fast S-IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67041-A4712-A4 Datasheet(HTML) 2 Page - Infineon Technologies AG

  Q67041-A4712-A4 Datasheet HTML 1Page - Infineon Technologies AG Q67041-A4712-A4 Datasheet HTML 2Page - Infineon Technologies AG Q67041-A4712-A4 Datasheet HTML 3Page - Infineon Technologies AG Q67041-A4712-A4 Datasheet HTML 4Page - Infineon Technologies AG Q67041-A4712-A4 Datasheet HTML 5Page - Infineon Technologies AG Q67041-A4712-A4 Datasheet HTML 6Page - Infineon Technologies AG Q67041-A4712-A4 Datasheet HTML 7Page - Infineon Technologies AG Q67041-A4712-A4 Datasheet HTML 8Page - Infineon Technologies AG Q67041-A4712-A4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SGP20N60
SGB20N60, SGW20N60
2
Mar-00
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
R thJC
0.7
Thermal resistance,
junction – ambient
R thJA
TO-247AC
40
K/W
Electrical Characteristic, at Tj = 25
°C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC=500
µA
600
-
-
Collector-emitter saturation voltage
VCE(sat )
VGE = 15 V, IC =20A
T j =2 5
°C
T j =150
°C
1.7
-
2
2.4
2.4
2.9
Gate-emitter threshold voltage
VGE(th)
I C =700
µA,V
CE = V GE
34
5
V
Zero gate voltage collector current
I CE S
VCE =600V, V GE =0V
T j =2 5
°C
T j =150
°C
-
-
-
-
40
2500
µA
Gate-emitter leakage current
I GE S
VCE =0V, VGE =20V
-
-
100
nA
Transconductance
g fs
VCE =20V, IC =20A
-14
-
S
Dynamic Characteristic
Input capacitance
C iss
-
1100
1320
Output capacitance
C os s
-
107
128
Reverse transfer capacitance
C rs s
VCE =25V,
VGE =0V,
f =1M H z
-63
76
pF
Gate charge
Q Gat e
VCC =480V, I C =20A
VGE =15V
-
100
130
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
L E
TO - 2 4 7 A C
Fe h l e r !
Ve r w ei sq u e ll e
k onnt e ni c h t
ge fun d e n
we r d e n .
-
-
7
13
-nH
Short circuit collector current
1)
I C( SC )
VGE =15V,t SC
≤10µs
VCC
≤ 600V,
T j
≤ 150°C
-
200
-
A
1) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - Q67041-A4712-A4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67041-A4713 INFINEON-Q67041-A4713 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
More results

Similar Description - Q67041-A4712-A4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP02N120 INFINEON-SGP02N120 Datasheet
386Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com