Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZO12.072 Datasheet(PDF) 6 Page - PULS GmbH

Part # UZO12.072
Description  BATTERY MODULE 12V, 7AH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO12.072 Datasheet(HTML) 6 Page - PULS GmbH

Back Button UZO12.072 Datasheet HTML 2Page - PULS GmbH UZO12.072 Datasheet HTML 3Page - PULS GmbH UZO12.072 Datasheet HTML 4Page - PULS GmbH UZO12.072 Datasheet HTML 5Page - PULS GmbH UZO12.072 Datasheet HTML 6Page - PULS GmbH UZO12.072 Datasheet HTML 7Page - PULS GmbH UZO12.072 Datasheet HTML 8Page - PULS GmbH UZO12.072 Datasheet HTML 9Page - PULS GmbH UZO12.072 Datasheet HTML 10Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UZK12.072, UZO12.072
U-Series
BATTERY MODULE 12V, 7AH
13. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the
- EMC directive and the
- ATEX directive
Listed for use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
UL 508
IND. CONT. EQ.
ANSI / ISA 12.12.01-2015
Class I Div 2
Recognized for use in Hazardous Location Class I Div 2 T4
Groups A,B,C,D systems; U.S.A. (ANSI / ISA 12.12.01-2015) and
Canada (C22.2 No. 213-M1987)
Approval for use in hazardous locations Zone 2 Category 3G.
Number of ATEX certificate: EPS 15 ATEX 1 025 X
The battery module must be built-in in an IP23 enclosure.
EN 60079-0, EN 60079-7
ATEX
II 3G Ex ec IIC T4 Gc
Suitable for use in Class 1 Zone 2 Groups IIa, IIb and IIc
locations. Number of IECEx certificate: IECEx EPS 15.0049X
IEC 60079-0, IEC 60079-7
IECEx
Marine
GL (Germanischer Lloyd) classified
Environmental category: A
Marine and offshore applications
EAC TR Registration
Registration for the Eurasian Customs Union market
(Russia, Kazakhstan, Belarus)
14. OTHER FULFILLED STANDARDS
RoHS Directive
Directive 2011/65/EU of the European Parliament and the
Council of June 8th, 2011 on the restriction of the use of
certain hazardous substances in electrical and electronic
equipment.
Note: Batteries are exempt from the directive. The directive
only applies to the remaining assembly parts of the battery
module.
REACH Directive
Directive 1907/2006/EU of the European Parliament and the
Council of June 1st, 2007 regarding the Registration,
Evaluation, Authorisation and Restriction of Chemicals
(REACH)
Aug. 2017 / Rev. 1.0 DS-UZK12.072
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/10


Similar Part No. - UZO12.072

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZO12.07 PULS-UZO12.07 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
More results

Similar Description - UZO12.072

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
UZB12.071 PULS-UZB12.071 Datasheet
166Kb / 6P
   BATTERY REPLACEMENT 12V, 7AH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK12.261 PULS-UZK12.261_17 Datasheet
403Kb / 10P
   BATTERY MODULE 12V, 26AH
UZK12.261 PULS-UZK12.261 Datasheet
249Kb / 8P
   BATTERY MODULE 12V, 26AH
UZB12.261 PULS-UZB12.261 Datasheet
184Kb / 6P
   BATTERY REPLACEMENT 12V, 26AH
UZB12.051 PULS-UZB12.051 Datasheet
171Kb / 6P
   BATTERY REPLACEMENT 12V, 5AH
UZB12.121 PULS-UZB12.121 Datasheet
168Kb / 6P
   BATTERY REPLACEMENT 12V, 12AH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com