Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZO12.26 Datasheet(PDF) 4 Page - PULS GmbH

Part # UZO12.26
Description  BATTERY MODULE 12V, 26AH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO12.26 Datasheet(HTML) 4 Page - PULS GmbH

  UZO12.26 Datasheet HTML 1Page - PULS GmbH UZO12.26 Datasheet HTML 2Page - PULS GmbH UZO12.26 Datasheet HTML 3Page - PULS GmbH UZO12.26 Datasheet HTML 4Page - PULS GmbH UZO12.26 Datasheet HTML 5Page - PULS GmbH UZO12.26 Datasheet HTML 6Page - PULS GmbH UZO12.26 Datasheet HTML 7Page - PULS GmbH UZO12.26 Datasheet HTML 8Page - PULS GmbH UZO12.26 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UZK12.261, UZO12.26
U-Series
BATTERY MODULE 12V, 26AH
CAUTION: The unit contains wet cell batteries. Ventilation of the installation room in accordance with the rules of
Canadian Electrical Code, part 1 is required if used in Canada.
The battery module is for use in a controlled environment. Do not use the device in pollution degree 3 areas without
additional protection or in applications where a degree of protection better than IP00 is required.
Do not use batteries other than the original batteries supplied by the manufacturer to avoid conflicts with agency
approvals.
The maximum surrounding air temperature is +60°C / +140°F. The operational temperature is the same as the ambient
or surrounding air temperature and is defined as the air temperature 2cm below the device.
Fig. 8-1 Wiring scheme
Battery +
-
Output
Input
+
-
Fuse
+-
BATTERY
12V
(+)
(-)
Load
Power
Supply
+
-
DC-UPS
UZK12.261
Battery
Module
9. HAZARDOUS LOCATION INSTALLATION INSTRUCTIONS
The device is suitable for use in Class I Division 2 Groups A, B, C, D locations and for use in Group II Category 3 (Zone 2)
environments.
ATEX Certificate: EPS 15 ATEX 1 025 X
ATEX Classification: II 3G EX ec IIC T4 Gc
WARNING EXPLOSION HAZARDS!
Substitution of components may impair suitability for this environment. Do not disconnect the device unless power has
been switched off or the area is known to be non-hazardous.
A suitable enclosure must be provided for the end product which has a minimum protection of IP23 and fulfils the
requirements of the EN 60079-15. Sufficient ventilation must be ensured in the final installation.
Do not use batteries other than the original batteries supplied by the manufacturer or batteries, which are approved
according to EN/ IEC 60079-7.
Aug. 2017 / Rev. 2.1 DS-UZK12.261
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/10


Similar Part No. - UZO12.26

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZO12.07 PULS-UZO12.07 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
UZO12.072 PULS-UZO12.072 Datasheet
384Kb / 10P
   BATTERY MODULE 12V, 7AH
More results

Similar Description - UZO12.26

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZK12.261 PULS-UZK12.261 Datasheet
249Kb / 8P
   BATTERY MODULE 12V, 26AH
UZB12.261 PULS-UZB12.261 Datasheet
184Kb / 6P
   BATTERY REPLACEMENT 12V, 26AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
UZK12.072 PULS-UZK12.072 Datasheet
384Kb / 10P
   BATTERY MODULE 12V, 7AH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZB12.051 PULS-UZB12.051 Datasheet
171Kb / 6P
   BATTERY REPLACEMENT 12V, 5AH
UZB12.071 PULS-UZB12.071 Datasheet
166Kb / 6P
   BATTERY REPLACEMENT 12V, 7AH
UZB12.121 PULS-UZB12.121 Datasheet
168Kb / 6P
   BATTERY REPLACEMENT 12V, 12AH
logo
GS Yuasa Battery Sales ...
GS-896 GSYUASABATTERY-GS-896 Datasheet
722Kb / 1P
   Capacity (20-hour) 26Ah
GS-895 GSYUASABATTERY-GS-895 Datasheet
539Kb / 1P
   Capacity (20-hour) 26Ah
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com