Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4719CY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4719CY
Description  Battery Disconnect Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4719CY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4719CY Datasheet HTML 1Page - Vishay Siliconix SI4719CY Datasheet HTML 2Page - Vishay Siliconix SI4719CY Datasheet HTML 3Page - Vishay Siliconix SI4719CY Datasheet HTML 4Page - Vishay Siliconix SI4719CY Datasheet HTML 5Page - Vishay Siliconix SI4719CY Datasheet HTML 6Page - Vishay Siliconix SI4719CY Datasheet HTML 7Page - Vishay Siliconix SI4719CY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si4719CY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70669
S-59510—Rev. B, 31-Aug-98
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to GND
VS, VDa
–0.3 V to 32 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSD
–0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VIN1, VIN2
–0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VGS
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationb (t = 10 sec)
2.4 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(t = steady state)
1.5 W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
VSD ≤ 30 VDC
b.
Device mounted with all leads soldered to 1” x 1” FR4 with laminated
copper PC board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
VS, VD
6 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VIN1, VIN2
0 V to 13.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IDS
0 A to 6 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
–25 to 85
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
–25 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
P
Sb l
S
ifi T
C
di i
Limits
Parameter
Symbol
Specific Test Conditions
Tempa
Minb
Typc
Maxb
Unit
On-Resistance
rDS
VS = 10 V, ID = 1 A, VIN = H
Room
0.028
0.040
W
Leakage Current
IDS(off)
VDS = 10 V
Room
1
A
Power Consumption
IS
GND(off)
VS = 21 V
Room
1
mA
Power Consumption
IS
GND(on)
VS = 21 V
Room
1.0
10
Input Voltage Low
VINL
VS = 10 V and VS = 21 V
Full
3.3
V
Input Voltage High
VINH
VS = 10 V and VS = 21 V
Full
4.5
V
Input Current
IINH
VIN = 5.0 V
Room
25
50
mA
Turn-On Delay
IN
tD
S
tON(IN)
VS = 10 V, RL = 5 W, Test Circuit 1
Room
2.2
2.9
10
Turn-Off Delay
to D or S
tOFF(IN)
VS = 10 V, RL = 5 W, Test Circuit 1
Room
1.15
2
ms
Break-Before-Maked
tBBM
Room
1.15
ms
Rise Time
tRISE
Room
0,73
1.4
Fall Time
tFALL
Room
24
50
ns
Voltage Across Pin 6 and 7
VGS
VS = 30 V
Room
10.2
18
V
Forward Diode
VSD
ID = –1 A
Room
1.1
V
Notes
a.
Room = 25
_C, Full = as determined by the operating temperature suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
Guaranteed by design, not subject to production testing.


Similar Part No. - SI4719CY

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4710 SILABS-SI4710 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4710 SILABS-SI4710 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4710 SILABS-SI4710 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4710 SILABS-Si4710 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4719CY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
   Battery Disconnect Switch
Rev. C, 05-Apr-99
SI4720 VISHAY-SI4720 Datasheet
123Kb / 10P
   Battery Disconnect Switch
Rev. C, 13-Jun-11
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
   Battery Disconnect Switch
08-Feb-17
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
   Battery Disconnect Switch
Rev. A, 20-Dec-98
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
   Battery Disconnect Switch
Rev. B, 21-Jul-97
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
   Battery Disconnect Switch
logo
Littelfuse
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
   36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
24024 LITTELFUSE-24024 Datasheet
380Kb / 1P
   24024 SERIES BATTERY DISCONNECT SWITCH
2018 Rev: 121818
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com