Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6447DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI6447DQ
Description  P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6447DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6447DQ Datasheet HTML 1Page - Vishay Siliconix SI6447DQ Datasheet HTML 2Page - Vishay Siliconix SI6447DQ Datasheet HTML 3Page - Vishay Siliconix SI6447DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si6447DQ
Vishay Siliconix
Document Number: 70170
S-00872—Rev. G, 01-May-00
www.vishay.com
S FaxBack 408-970-5600
2-1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
–20
0.09 @ VGS = –10 V
"3.2
–20
0.16 @ VGS = –4.5 V
"2.4
Si6447DQ
D
S
S
G
1
2
3
4
8
7
6
5
D
S
S
D
TSSOP-8
Top View
D
S*
G
D
P-Channel MOSFET
* Source Pins 2, 3, 6 and 7
must be tied common.
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
–20
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
"3.2
A
Continuous Drain Current (TJ = 150 C)a
TA = 70_C
ID
"2.5
A
Pulsed Drain Current
IDM
"20
A
Continuous Source Current (Diode Conduction)a
IS
–1.7
Maximum Power Dissipationa
TA = 25_C
PD
1.5
W
Maximum Power Dissipationa
TA = 70_C
PD
1.0
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Maximum Junction-to-Ambienta
RthJA
83
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 10 sec.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Similar Part No. - SI6447DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6441DQ VISHAY-SI6441DQ Datasheet
41Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 19-May-03
SI6441DQ-T1 VISHAY-SI6441DQ-T1 Datasheet
41Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 19-May-03
SI6443DQ VISHAY-SI6443DQ Datasheet
42Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 30-Dec-02
More results

Similar Description - SI6447DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com