Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6447DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6447DQ
Description  P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6447DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6447DQ Datasheet HTML 1Page - Vishay Siliconix SI6447DQ Datasheet HTML 2Page - Vishay Siliconix SI6447DQ Datasheet HTML 3Page - Vishay Siliconix SI6447DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si6447DQ
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70170
S-00872—Rev. G, 01-May-00
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –20 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –10 V, VGS = 0 V, TJ = 70_C
–5
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –10 V
–14
A
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
–2.5
A
Drain Source On State Resistancea
rDS( )
VGS = –10 V, ID = 3.2 A
0.060
0.09
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –4.5 V, ID = 2.0 A
0.100
0.16
W
Forward Transconductancea
gfs
VDS = –15 V, ID = –3.2 A
4.0
S
Diode Forward Voltagea
VSD
IS = –1.7 A, VGS = 0 V
–0.9
–1.2
V
Dynamicb
Total Gate Charge
Qg
V10 V V
10 V I
3 2 A
15
25
C
Gate-Source Charge
Qgs
VDS = –10 V, VGS = –10 V, ID = –3.2 A
3
nC
Gate-Drain Charge
Qgd
3.5
Turn-On Delay Time
td(on)
V10 V R
10
W
13
40
Rise Time
tr
VDD = –10 V, RL = 10 W
I
1 A V
10 V R
6
W
13
25
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –1 A, VGEN = –10 V, RG = 6 W
30
50
ns
Fall Time
tf
13
20
Source-Drain Reverse Recovery Time
trr
IF = –1.7 A, di/dt = 100 A/ms
50
100
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - SI6447DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6441DQ VISHAY-SI6441DQ Datasheet
41Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 19-May-03
SI6441DQ-T1 VISHAY-SI6441DQ-T1 Datasheet
41Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 19-May-03
SI6443DQ VISHAY-SI6443DQ Datasheet
42Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 30-Dec-02
More results

Similar Description - SI6447DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com