Selected language     English  ▼


NTE293 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE293
Description  Silicon Complementary Transistors Audio Amplifier and Driver
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE293 (NPN) & NTE294 (PNP)
Silicon Complementary Transistors
Audio Amplifier and Driver
Description:
The NTE293 (NPN) and NTE294 (PNP) are silicon complementary transistors in a Giant TO92 type
package designed for use in low–frequency power amplification and drive applications.
Features:
D Low Collector–Emitter Saturation Voltage
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Dissipation, PC
1W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Base Breakdown Voltage
V(BR)CBO IC = 10µA, IE = 0
60
V
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 2mA, IB = 0
50
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 10µA, IC = 0
5
V
Collector Cutoff Current
ICBO
VCB = 20V, IE = 0
0.1
µA
DC Current Gain
hFE
VCE = 10V, IC = 500mA, Note 2
120
240
VCE = 5V, IB = 1A, Note 2
50
100
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 500mA, IB = 50mA, Note 2
0.2
0.4
V
Base–Emitter Saturation Voltage
VBE(sat)
IC = 500mA, IB = 50mA, Note 2
0.85
1.2
V
Current–Gain Bandwidth Product
fT
VCB = 10V, IE = 50mA, f = 200MHz
200
MHz
Collector Output Capacitance
Cob
VCB = 10V, Ie = 0, f = 1MHz
11
20
pF
Note 1. NTE293MP is a matched pair of NTE293 with their DC Current Gain (hFE) matched to within
10% of each other.
Note 2. Pulse measurement.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE297Silicon Complementary Transistors Audio Amplifier Driver 1 2 NTE Electronics
NTE54Silicon Complementary Transistors High Frequency Driver for Audio Amplifier 1 2 NTE Electronics
NTE373Silicon Complementary Transistors Audio Amplifier Driver 1 2 NTE Electronics
NTE186Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier 1 2 NTE Electronics
NTE382Silicon Complementary Transistors Audio Frequency Driver 1 2 NTE Electronics
NTE152Silicon Complementary Transistors Audio Power Amplifier Switch 1 2 NTE Electronics
NTE300Silicon Complementary Transistors Audio Power Amplifier 1 2 NTE Electronics
CL055NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS 1 Micro Electronics
CL155SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 20WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS 1 Micro Electronics
NTE128Silicon Complementary Transistors Audio Output Video Driver 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl