Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC16IS Datasheet(PDF) 6 Page - Anachip Corp

Part # AM24LC16IS
Description  2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC16IS Datasheet(HTML) 6 Page - Anachip Corp

Back Button AM24LC16IS Datasheet HTML 2Page - Anachip Corp AM24LC16IS Datasheet HTML 3Page - Anachip Corp AM24LC16IS Datasheet HTML 4Page - Anachip Corp AM24LC16IS Datasheet HTML 5Page - Anachip Corp AM24LC16IS Datasheet HTML 6Page - Anachip Corp AM24LC16IS Datasheet HTML 7Page - Anachip Corp AM24LC16IS Datasheet HTML 8Page - Anachip Corp AM24LC16IS Datasheet HTML 9Page - Anachip Corp AM24LC16IS Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
AM24LC16
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
6/10
ATC
Write Operations (Continued)
Current Address Read
The AM24LC16 contains an address counter that
maintains the address of the last accessed word,
internally incremented by one. Therefore if the
previous access (either a read or write operation )
was to address n, the next current address read
operation would access data from address n + 1.
Upon receipt of the slave address with R/W bit set to
one, the AM24LC16 issues an acknowledge and
transmits the eight bit data word . The master will
not acknowledge the transfer but does generate a
stop condition and the AM24LC16 discontinues
transmission. (Shown in Figure 6)
Random Read
Random read operations allow the master to access
any memory location in a random manner. To
perform this type of read operation, first the word
address must be set. This is done by sending the
word address to the AM24LC16 as part of a write
operation. After the word address is sent, the master
generates
a
start
condition
following
the
acknowledge. This terminates the write operation,
but not before the internal address pointer is set.
Then the master issues the control byte again but
with R/W bit set to a one. The AM24LC16 will then
issue an acknowledge and transmit the eight bit data
word. The master will not acknowledge the transfer
but does generate a stop condition and the
AM24LC16 discontinues transmission. (Shown in
Figure 7)
Sequential Read
Sequential read is initiated in the same way as a
random read except that after the AM24LC16
transmits the first data byte, the master issues an
acknowledge as opposed to a stop condition in a
random read. This directs the AM24LC16 to transmit
the next sequentially addressed 8 bit byte (Shown in
Figure
8).
To
provide
sequential
read
the
AM24LC16 contains an internal address pointer
which is incremented by one at the completion of
each operation.
Noise Protection
The SCL and SDA inputs have filter circuits which
suppress noise spikes to assure proper device
operation even on a noisy bus.


Similar Part No. - AM24LC16IS

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC16IS

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com