Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7476DP-T1-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI7476DP-T1-E3
Description  N-Channel 40-V (D-S) Fast Switching MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7476DP-T1-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7476DP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7476DP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7476DP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7476DP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7476DP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si7476DP
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72569
S-40577—Rev. B, 29-Mar-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10−3
10−2
1
10
600
10−1
10−4
100
0.01
0
10
80
100
20
600
0.1
Single Pulse Power, Juncion-to-Ambient
Time (sec)
60
40
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 52_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
−1.0
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ − Temperature (_C)
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
P(t) = 10
dc
0.1
IDM
Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
100


Similar Part No. - SI7476DP-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
SI7478DP VISHAY-SI7478DP Datasheet
467Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 16-Feb-09
logo
Vishay Telefunken
SI7478DP TFUNK-SI7478DP Datasheet
299Kb / 12P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7478DP-T1-E3 VISHAY-SI7478DP-T1-E3 Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
SI7478DP-T1-E3 VISHAY-SI7478DP-T1-E3 Datasheet
467Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 16-Feb-09
More results

Similar Description - SI7476DP-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISH116DN VISHAY-SISH116DN Datasheet
189Kb / 8P
   N-Channel 40 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7116DN VISHAY-SI7116DN Datasheet
78Kb / 5P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
SI7116DN-T1-E3 VISHAY-SI7116DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. D, 17-Mar-08
SI7116DN VISHAY-SI7116DN_V01 Datasheet
533Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com