Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTX711T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTX711T
Description  SILICON EPITAXIAL PLANAR TYPE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX711T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTX711T Datasheet HTML 1Page - KEC(Korea Electronics) KTX711T Datasheet HTML 2Page - KEC(Korea Electronics) KTX711T Datasheet HTML 3Page - KEC(Korea Electronics) KTX711T Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2011. 5. 23
2/4
KTX711T
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=80V, IE=0
-
-
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-80
-
-
V
DC Current Gain
hFE(1)
VCE=-1V, IC=-10mA
100
-
-
hFE(2)
VCE=-1V, IC=-100mA
100
-
250
Collector-Emiotter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-
-0.25
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-100mA
-
-
-1.2
V
Transition Frequency
fT
VCE=-2V, IC=-10mA
100
-
-
MHZ
TRANSISTOR
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.60
-
V
VF(2)
IF=10mA
-
0.72
-
VF(3)
IF=100mA
-
0.90
1.20
Reverse Current
IR
VR=80V
-
-
0.1
μA
Total Capacitance
CT
VR=0V, f=1MHz
-
0.9
3.0
pF
Reverse Recovery Time
trr
IF=10mA
-
1.6
4.0
nS


Similar Part No. - KTX711T

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KTX-485-D3AA KODENSHI-KTX-485-D3AA Datasheet
145Kb / 1P
   2.5Gbps VCSEL TOSA
logo
SICK AG
KTX-WB9114124UZZZZ SICK-KTX-WB9114124UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB91141259ZZZZ SICK-KTX-WB91141259ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114125AZZZZ SICK-KTX-WB9114125AZZZZ Datasheet
1,003Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224IZZZZ SICK-KTX-WB9114224IZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - KTX711T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2 TOSHIBA-015AZ2 Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
1N4606 TOSHIBA-1N4606 Datasheet
37Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE DIODE
HN1D03F TOSHIBA-HN1D03F Datasheet
171Kb / 4P
   Diode Silicon Epitaxial Planar Type
1N4608 TOSHIBA-1N4608 Datasheet
37Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE DIODE
1S2095A TOSHIBA-1S2095A Datasheet
69Kb / 2P
   SILICON EPITAXIAL PLANAR TYPE DIODE
JDV2S01E TOSHIBA-JDV2S01E Datasheet
85Kb / 3P
   Diode Silicon Epitaxial Planar Type
JDV2S02E TOSHIBA-JDV2S02E Datasheet
85Kb / 3P
   Diode Silicon Epitaxial Planar Type
logo
KEC(Korea Electronics)
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX412T KEC-KTX412T Datasheet
414Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com