Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9168 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9168
Description  Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9168 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9168 Datasheet HTML 1Page - Vishay Siliconix SI9168 Datasheet HTML 2Page - Vishay Siliconix SI9168 Datasheet HTML 3Page - Vishay Siliconix SI9168 Datasheet HTML 4Page - Vishay Siliconix SI9168 Datasheet HTML 5Page - Vishay Siliconix SI9168 Datasheet HTML 6Page - Vishay Siliconix SI9168 Datasheet HTML 7Page - Vishay Siliconix SI9168 Datasheet HTML 8Page - Vishay Siliconix SI9168 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si9168
Vishay Siliconix
New Product
www.siliconix.com
S FaxBack 408-970-5600
4
Document Number: 70899
S-00022—Rev. A, 10-Jan--00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
1.7
1.8
1.9
2.0
2.1
2.2
–50
0
50
100
Temperature (
_C)
Frequency vs. Temperature
VDD = 7.2 V
ROSC = 25 kW
70
74
78
82
86
90
94
98
400
600
800 1000 1200 1400 1600 1800 2000 2200
Max Duty Cycle vs. Frequency (Buck Mode)
1.28
1.284
1.288
1.292
1.296
1.300
1.304
1.308
1.312
1.316
1.320
–50
–25
0
25
50
75
100
VREF vs. Temperature
Temperature (
_C)
1.29
1.292
1.294
1.296
1.298
1.300
1.302
1.304
1.306
1.308
1.310
4
6
8
10
12
14
VREF vs. VDD
VDD – (V)
Frequency (kHz)
VIN = 7.2 V
100
1000
10000
10
100
1000
ROSC (kW)
Frequency vs. ROSC
42
46
50
54
58
62
66
70
74
400
600
800 1000 1200 1400 1600 1800 2000 2200
Max Duty Cycle vs. Frequency (Boost Mode)
Frequency (kHz)
VIN = 7.2 V
VDD = 7.2 V


Similar Part No. - SI9168

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9160 VISHAY-SI9160 Datasheet
119Kb / 11P
   Controller for RF Power Amplifier Boost Converter
Rev. H, 19-Apr-04
SI9160BQ-T1 VISHAY-SI9160BQ-T1 Datasheet
119Kb / 11P
   Controller for RF Power Amplifier Boost Converter
Rev. H, 19-Apr-04
SI9160BQ-T1-E3 VISHAY-SI9160BQ-T1-E3 Datasheet
119Kb / 11P
   Controller for RF Power Amplifier Boost Converter
Rev. H, 19-Apr-04
SI9161 VISHAY-SI9161 Datasheet
491Kb / 12P
   Optimized-Efficiency Controller for RF Power Amplifier Boost Converter
Rev. B, 05-Apr-99
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
More results

Similar Description - SI9168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8662 MAXIM-MAX8662_V01 Datasheet
1Mb / 34P
   Power-Management ICs for Single-Cell, Li Battery-Operated Devices
2010
MAX8662 MAXIM-MAX8662_08 Datasheet
899Kb / 37P
   Power-Management ICs for Single-Cell, Li Battery-Operated Devices
Rev 1; 12/08
MAX8662 MAXIM-MAX8662 Datasheet
873Kb / 36P
   Power-Management ICs for Single-Cell, Li Battery-Operated Devices
Rev 0; 2/07
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
   Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
Rev. C, 03-Sep-07
logo
Maxim Integrated Produc...
MAX8904 MAXIM-MAX8904 Datasheet
3Mb / 44P
   High-Efficiency Power-Management IC with I2C Control for 2-Cell Li Battery Operated Devices
Rev 0; 7/09
logo
Analog Devices
ADP1972 AD-ADP1972 Datasheet
415Kb / 18P
   Buck or Boost, PWM Controller for Battery Test Solutions
Rev. B
logo
ELM Electronics
ELM9709NBA ELM-ELM9709NBA Datasheet
210Kb / 10P
   CMOS voltage detector IC for battery-operated portable devices
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Analog Devices
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC7872 AD-LTC7872 Datasheet
2Mb / 48P
   Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com