Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6806 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6806 Datasheet HTML 7Page - Torex Semiconductor XC6806 Datasheet HTML 8Page - Torex Semiconductor XC6806 Datasheet HTML 9Page - Torex Semiconductor XC6806 Datasheet HTML 10Page - Torex Semiconductor XC6806 Datasheet HTML 11Page - Torex Semiconductor XC6806 Datasheet HTML 12Page - Torex Semiconductor XC6806 Datasheet HTML 13Page - Torex Semiconductor XC6806 Datasheet HTML 14Page - Torex Semiconductor XC6806 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
XC6806
Series
<Charge Status Output (CSO) Pin>
The CSO pin is an Nch open drain output that changes based on the states of the charging function.
CSO Pin Output Patterns
STATUS
CSO
Trickle Charge
ON
Main Charge
ON
Charge Completion
OFF (Hi-Z)
Abnormal Mode
1kHz Oscillation
Charger Disable
OFF (Hi-Z) (*1)
(*1) Charge function stop
In the following states, the charging function stops and the CSO pin output turns OFF.
The shutdown function operates
The UVLO function operates
The reverse current protection function operates
The load current from the OUT pin is larger than the input current limit and current is supplied to the system from thebattery
When the the lithium ion battery temperature monitor function is used and thethermistor temperature falls below0°C (VT0)
or rises above 60°C (VT60) (Types A and C)
On Type B, when the thermistor temperature falls below0°C(VT0) or rises above 45°C(VT45)


Similar Part No. - XC6806

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC6806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24232H TI-BQ24232H_15 Datasheet
1Mb / 42P
[Old version datasheet]   bq2423xx USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
Mitsumi Electronics, Co...
MM3538AL MITSUMI-MM3538AL Datasheet
1Mb / 25P
   Linear Charger for 1Cell Li-ion Battery with System-path IC
logo
Fujitsu Component Limit...
MB3813A FUJITSU-MB3813A Datasheet
251Kb / 22P
   Lithium Ion Battery Charger DC/DC Converter IC (High Precision with Constant-current Function)
logo
Renesas Technology Corp
R2A20056BM RENESAS-R2A20056BM_15 Datasheet
571Kb / 38P
   Lithium-Ion Battery Charger IC with Auto Load Current Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com