Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNJ3130 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHNJ3130
Description  100V, N-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ3130 Datasheet(HTML) 1 Page - International Rectifier

  IRHNJ3130 Datasheet HTML 1Page - International Rectifier IRHNJ3130 Datasheet HTML 2Page - International Rectifier IRHNJ3130 Datasheet HTML 3Page - International Rectifier IRHNJ3130 Datasheet HTML 4Page - International Rectifier IRHNJ3130 Datasheet HTML 5Page - International Rectifier IRHNJ3130 Datasheet HTML 6Page - International Rectifier IRHNJ3130 Datasheet HTML 7Page - International Rectifier IRHNJ3130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
14.4
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
9.1
IDM
Pulsed Drain Current Œ
58
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
150 
mJ
IAR
Avalanche Current Œ
14.4
A
EAR
Repetitive Avalanche Energy Œ
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
6.0 Ž
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
1.0 (Typical)
g
Pre-Irradiation
International Rectifier’s RAD-HardTM HEXFET® MOSFET
technology provides high performance power MOSFETs
for space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been characterized
for both Total Dose and Single Event Effects (SEE). The
combination of low RDS(on) and low gate charge reduces
the power losses in switching applications such as DC
to DC converters and motor control. These devices re-
tain all of the well established advantages of MOSFETs
such as voltage control, fast switching, ease of parallel-
ing and temperature stability of electrical parameters.
oC
A
RADIATION HARDENED
POWER MOSFET
SURFACE MOUNT (SMD-0.5)
2/4/00
www.irf.com
1
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Surface Mount
n Light Weight
For footnotes refer to the last page
SMD-0.5
IRHNJ7130
100V, N-CHANNEL
RAD-Hard
HEXFET
®
MOSFET TECHNOLOGY
Product Summary
Part Number Radiation Level
RDS(on)
ID
IRHNJ7130
100K Rads (Si)
0.18
14.4A
IRHNJ3130
300K Rads (Si)
0.18
14.4A
IRHNJ4130
600K Rads (Si)
0.18
14.4A
IRHNJ8130 1000K Rads (Si)
0.18
14.4A
PD - 93820


Similar Part No. - IRHNJ3130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ3230 IRF-IRHNJ3230 Datasheet
129Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results

Similar Description - IRHNJ3130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG6110 IRF-IRHG6110 Datasheet
195Kb / 14P
   100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
logo
Intersil Corporation
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7399 INTERSIL-JANSR2N7399 Datasheet
44Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7405 INTERSIL-JANSR2N7405 Datasheet
44Kb / 8P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7292 INTERSIL-JANSR2N7292 Datasheet
38Kb / 7P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
logo
International Rectifier
IRHY7G30CMSE IRF-IRHY7G30CMSE Datasheet
110Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA) 1000V, N-CHANNEL RAD Hard??HEXFET TECHNOLOGY
IRHN7250 IRF-IRHN7250_V01 Datasheet
1Mb / 13P
   Radiation Hardened Power MOSFET Surface Mount (SMD-1) 200V, 26A, N-channel, Rad Hard HEXFET™ Technology
2022-05-16
logo
Intersil Corporation
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com