Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNJ4130 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHNJ4130
Description  100V, N-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ4130 Datasheet(HTML) 2 Page - International Rectifier

  IRHNJ4130 Datasheet HTML 1Page - International Rectifier IRHNJ4130 Datasheet HTML 2Page - International Rectifier IRHNJ4130 Datasheet HTML 3Page - International Rectifier IRHNJ4130 Datasheet HTML 4Page - International Rectifier IRHNJ4130 Datasheet HTML 5Page - International Rectifier IRHNJ4130 Datasheet HTML 6Page - International Rectifier IRHNJ4130 Datasheet HTML 7Page - International Rectifier IRHNJ4130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHNJ7130
Pre-Irradiation
2
www.irf.com
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
14.4
ISM
Pulse Source Current (Body Diode) Œ
——
58
VSD
Diode Forward Voltage
1.5
V
Tj = 25°C, IS = 14.4A, VGS = 0V 
trr
Reverse Recovery Time
275
nS
Tj = 25°C, IF = 14.4A, di/dt ≥ 100A/µs
QRR Reverse Recovery Charge
2.5
µC
VDD ≤ 25V 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.67
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.11
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.18
VGS = 12V, ID = 9.1A
Resistance
0.20
VGS = 12V, ID = 14.4A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
2.5
S ( )VDS > 15V, IDS = 9.1A 
IDSS
Zero Gate Voltage Drain Current
25
VDS= 80V, VGS=0V
250
VDS = 80V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
50
VGS = 12V, ID = 14.4A
Qgs
Gate-to-Source Charge
10
nC
VDS = 50V
Qgd
Gate-to-Drain (‘Miller’) Charge
20
td(on)
Turn-On Delay Time
35
VDD = 50V, ID = 14.4A,
tr
Rise Time
75
RG = 7.5Ω
td(off)
Turn-Off Delay Time
70
tf
Fall Time
60
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
960
VGS = 0V, VDS = 25V
Coss
Output Capacitance
340
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
85
nA

nH
ns
µA
Measured from the center of
drain pad to center of source pad
°C/W


Similar Part No. - IRHNJ4130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ4230 IRF-IRHNJ4230 Datasheet
129Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results

Similar Description - IRHNJ4130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG6110 IRF-IRHG6110 Datasheet
195Kb / 14P
   100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
logo
Intersil Corporation
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7399 INTERSIL-JANSR2N7399 Datasheet
44Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7405 INTERSIL-JANSR2N7405 Datasheet
44Kb / 8P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7292 INTERSIL-JANSR2N7292 Datasheet
38Kb / 7P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
logo
International Rectifier
IRHY7G30CMSE IRF-IRHY7G30CMSE Datasheet
110Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA) 1000V, N-CHANNEL RAD Hard??HEXFET TECHNOLOGY
IRHN7250 IRF-IRHN7250_V01 Datasheet
1Mb / 13P
   Radiation Hardened Power MOSFET Surface Mount (SMD-1) 200V, 26A, N-channel, Rad Hard HEXFET™ Technology
2022-05-16
logo
Intersil Corporation
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com