Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6GZ47A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SM6GZ47A
Description  TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM6GZ47A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SM6GZ47A Datasheet HTML 1Page - Toshiba Semiconductor SM6GZ47A Datasheet HTML 2Page - Toshiba Semiconductor SM6GZ47A Datasheet HTML 3Page - Toshiba Semiconductor SM6GZ47A Datasheet HTML 4Page - Toshiba Semiconductor SM6GZ47A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM6GZ47,SM6JZ47,SM6GZ47A,SM6JZ47A
2001-07-13
1
TOSHIBA BI−DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6GZ47,SM6JZ47,SM6GZ47A,SM6JZ47A
AC POWER CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage
: VDRM = 400, 600V
l R.M.S ON−State Current
: IT (RMS) = 6A
l High Commutating (dv / dt)
l Isolation Voltage
: VISOL = 1500V AC
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
SM6GZ47
SM6GZ47A
400
Repetitive Peak
Off−State Voltage
and Repetitive Peak
Reverse Voltage
SM6JZ47
SM6JZ47A
VDRM
600
V
R.M.S On−State Current
(Full Sine Waveform Tc = 90°C)
IT (RMS)
6
A
60 (50Hz)
Peak One Cycle Surge On-State
Current (Non−Repetitive)
ITSM
66 (60Hz)
A
I
2
t Limit Value
I
2
t
18
A
2
s
Critical Rate of Rise of On−State
Current
(Note 1)
di / dt
50
A / µs
Peak Gate Power Dissipation
PGM
5
W
Average Gate Power Dissipation
PG (AV)
0.5
W
Peak Gate Voltage
VFGM
10
V
Peak Gate Current
IGM
2
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
Isolation Voltage (AC, t = 1min.)
VISOL
1500
V
JEDEC
JEITA
TOSHIBA
13−10H1A
Weight: 1.7g
Unit: mm
Note 1: di / dt test condition
VDRM = 0.5×Rated
ITM ≤ 9A
tgw ≥ 10µs
tgr ≤ 250ns
igp = IGT×2.0


Similar Part No. - SM6GZ47A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM6G45 TOSHIBA-SM6G45 Datasheet
232Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6G45A TOSHIBA-SM6G45A Datasheet
232Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM6G48A TOSHIBA-SM6G48A Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
More results

Similar Description - SM6GZ47A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM8LZ47 TOSHIBA-SM8LZ47 Datasheet
214Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6J45 TOSHIBA-SM6J45 Datasheet
232Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM12G45 TOSHIBA-SM12G45 Datasheet
196Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM3GZ47 TOSHIBA-SM3GZ47 Datasheet
212Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM25JZ51 TOSHIBA-SM25JZ51 Datasheet
199Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR ILICON PLANAR TYPE
logo
Fairchild Semiconductor
FKN2L80 FAIRCHILD-FKN2L80 Datasheet
155Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF12N60 FAIRCHILD-FKPF12N60 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF3N80 FAIRCHILD-FKPF3N80 Datasheet
143Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKN2L60 FAIRCHILD-FKN2L60 Datasheet
127Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF5N80 FAIRCHILD-FKPF5N80 Datasheet
158Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com