Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT164 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT164
Description  8-bit serial-in, parallel-out shift register
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT164 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT164 Datasheet HTML 6Page - NXP Semiconductors 74HCT164 Datasheet HTML 7Page - NXP Semiconductors 74HCT164 Datasheet HTML 8Page - NXP Semiconductors 74HCT164 Datasheet HTML 9Page - NXP Semiconductors 74HCT164 Datasheet HTML 10Page - NXP Semiconductors 74HCT164 Datasheet HTML 11Page - NXP Semiconductors 74HCT164 Datasheet HTML 12Page - NXP Semiconductors 74HCT164 Datasheet HTML 13Page - NXP Semiconductors 74HCT164 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
9397 750 14693
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 April 2005
10 of 24
Philips Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
11. Dynamic characteristics
Table 9:
Dynamic characteristics for 74HC164
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; test circuit see Figure 10; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH propagation delay
CP to Qn
see Figure 7
VCC = 2.0 V
-
41
170
ns
VCC = 4.5 V
-
15
34
ns
VCC = 6.0 V
-
12
29
ns
tPHL
propagation delay
MR to Qn
see Figure 8
VCC = 2.0 V
-
39
140
ns
VCC = 4.5 V
-
14
28
ns
VCC = 6.0 V
-
11
24
ns
tTHL, tTLH output transition time
see Figure 7
VCC = 2.0 V
-
19
75
ns
VCC = 4.5 V
-
7
15
ns
VCC = 6.0 V
-
6
13
ns
tW
clock pulse width;
HIGH or LOW
see Figure 7
VCC = 2.0 V
80
14
-
ns
VCC = 4.5 V
16
5
-
ns
VCC = 6.0 V
14
4
-
ns
master reset pulse width;
LOW
see Figure 8
VCC = 2.0 V
60
17
-
ns
VCC = 4.5 V
12
6
-
ns
VCC = 6.0 V
10
5
-
ns
trem
removal time MR to CP
see Figure 8
VCC = 2.0 V
60
17
-
ns
VCC = 4.5 V
12
6
-
ns
VCC = 6.0 V
10
5
-
ns
tsu
set-up time
DSA, and DSB to CP
see Figure 9
VCC = 2.0 V
60
8
-
ns
VCC = 4.5 V
12
3
-
ns
VCC = 6.0 V
10
2
-
ns
th
hold time DSA and DSB
to CP
see Figure 9
VCC = 2.0 V
+4
−6-
ns
VCC = 4.5 V
+4
−2-
ns
VCC = 6.0 V
+4
−2-
ns
fmax
maximum clock pulse
frequency
see Figure 7
VCC = 2.0 V
6
23
-
MHz
VCC = 4.5 V
30
71
-
MHz
VCC = 6.0 V
35
85
-
MHz


Similar Part No. - 74HCT164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT164 PHILIPS-74HCT164 Datasheet
54Kb / 8P
   8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
logo
Diodes Incorporated
74HCT164 DIODES-74HCT164 Datasheet
548Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Nexperia B.V. All right...
74HCT164 NEXPERIA-74HCT164 Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
74HCT164-Q100 NEXPERIA-74HCT164-Q100 Datasheet
272Kb / 16P
   8-bit serial-in, parallel-out shift register
Rev. 2 - 11 June 2020
logo
NXP Semiconductors
74HCT164BQ NXP-74HCT164BQ Datasheet
453Kb / 20P
   8-bit serial-in, parallel-out shift register
Rev. 04-2 February 2010
More results

Similar Description - 74HCT164

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com