Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML105SM-15RI4 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # ML105SM-15RI4
Description  Medical Approved Compact SMT, 1W DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML105SM-15RI4 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  ML105SM-15RI4 Datasheet HTML 1Page - MicroPower Direct, LLC ML105SM-15RI4 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
ML100MRI4
Medical Approved
Compact SMT, 1W
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
Dual Outputs, Balanced Loads
±0.1
±1.0
%
Line Regulation
For VIN Change of 1%
±1.2
±1.5
%
Load Regulation
IOUT = 10% to 100%
±10
%
Ripple & Noise (20 MHz)
See Note 2
100
mV P - P
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Continuos (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
4,000
Vrms
Reinforced Insulation Working Voltage
250 Vrms
Leakage Current
240 VAC, 60 Hz
2.0
µA
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
20
pF
Switching Frequency
50
80
100
kHz
EMI Characteristics, See Note 3
Parameter
Standard
Criteria
Level
EMC
Complies With EN 55011 4TH Edition
EMS
Complies With EN 60601-1-2
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+95
°C
Case
+105
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawing (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.14 Oz (4.1g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Safety Standards
IEC/EN 60601-1, EN 60601-1 3RD Edition, 2xMOPP
ANSI/AAMI ES 60601-1, 2xMOPP Recognition, (UL Certificate)
ANSI/AAMI ES 60601-1, CAN/CSA-C22.2 No.60601-1
Moisture Sensitivity Level, See Note 4
IPC/JEDEC J-STD-020D.1 Level 2
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
9.0
VDC
12 VDC Input
18.0
24 VDC Input
30.0
Peak Reflow Temperature
See Note 5
245
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
EN 60601 3RD Ed. Approved
1W Output Power
4 kVrms Isolation
Reinforced Insulation
2 x MOPP per EN 60601-1
3RD Edition & ANSI/AAMI
ES 60601-1
2 µA Max Leakage Current
Compact SMT Case
Single & Dual Outputs


Similar Part No. - ML105SM-15RI4

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
ML105S-05RW MPD-ML105S-05RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
ML105S-12RW MPD-ML105S-12RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
ML105S-15RW MPD-ML105S-15RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
ML105S03 MPD-ML105S03 Datasheet
305Kb / 2P
   ML100S SERIES
ML105S05 MPD-ML105S05 Datasheet
305Kb / 2P
   ML100S SERIES
More results

Similar Description - ML105SM-15RI4

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD100MEHI MPD-MD100MEHI Datasheet
452Kb / 3P
   Miniature, 1W SIP Medical Approved DC/DC Con vert ers
MB2000MRWRI4 MPD-MB2000MRWRI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
MHI200LRI8 MPD-MHI200LRI8 Datasheet
552Kb / 2P
   Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MB1000MRWRI4 MPD-MB1000MRWRI4 Datasheet
388Kb / 3P
   EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
LF100ED MPD-LF100ED Datasheet
233Kb / 2P
   Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
D100D MPD-D100D Datasheet
141Kb / 2P
   Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
D100ER MPD-D100ER Datasheet
192Kb / 2P
   Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
MD100VHI MPD-MD100VHI Datasheet
475Kb / 2P
   Miniature 1W, SIP, Very High Isolation DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com