Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5255 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5255
Description  3-Channel Digital Potentiometer with Nonvolatile Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5255 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5255 Datasheet HTML 12Page - Analog Devices AD5255 Datasheet HTML 13Page - Analog Devices AD5255 Datasheet HTML 14Page - Analog Devices AD5255 Datasheet HTML 15Page - Analog Devices AD5255 Datasheet HTML 16Page - Analog Devices AD5255 Datasheet HTML 17Page - Analog Devices AD5255 Datasheet HTML 18Page - Analog Devices AD5255 Datasheet HTML 19Page - Analog Devices AD5255 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD5255
Rev. 0 | Page 19 of 20
APPLICATIONS
LASER DIODE DRIVER (LDD) CALIBRATION
The AD5255 can be used with any laser diode driver. Its high
resolution, compact footprint, and superior temperature drift
characteristics make it ideal for optical parameter setting.
The ADN2841 is a 2.7 Gbps laser diode driver that uses a
unique control algorithm to manage both the laser average
power and extinction ratio after initial factory calibration. It
stabilizes the laser data transmission by continuously
monitoring its optical power and by correcting the variations
caused by temperature and the laser degradation over time. In
the ADN2841, the IMPD monitors the laser diode current.
Through its dual-loop power and extinction ratio control,
calibrated by the AD5255, the internal driver controls the bias
current IBIAS and consequently the average power. It also
regulates the modulation current, IMODP, by changing the
modulation current linearly with slope efficiency. Any changes
in the laser threshold current or slope efficiency are, therefore,
compensated. As a result, this optical supervisory system
minimizes the laser characterization efforts, enabling designers
to apply comparable lasers from multiple sources.
AD5255
ADN2841
SDA
SCL
PSET
ERSET
ASET
VCC
VCC
Figure 33. Optical Supervisory System


Similar Part No. - AD5255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
More results

Similar Description - AD5255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com