Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5415 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5415
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5415 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5415 Datasheet HTML 13Page - Analog Devices AD5415 Datasheet HTML 14Page - Analog Devices AD5415 Datasheet HTML 15Page - Analog Devices AD5415 Datasheet HTML 16Page - Analog Devices AD5415 Datasheet HTML 17Page - Analog Devices AD5415 Datasheet HTML 18Page - Analog Devices AD5415 Datasheet HTML 19Page - Analog Devices AD5415 Datasheet HTML 20Page - Analog Devices AD5415 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD5415
Rev. 0 | Page 17 of 28
SINGLE-SUPPLY APPLICATIONS
VOLTAGE SWITCHING MODE OF OPERATION
Figure 35 shows these DACs operating in the voltage switching
mode. The reference voltage, VIN, is applied to the IOUT1 pin,
IOUT2 is connected to AGND, and the output voltage is available
at the VREF terminal. In this configuration, a positive reference
voltage results in a positive output voltage, making single-
supply operation possible. The output from the DAC is voltage
at a constant impedance (the DAC ladder resistance). Therefore,
an op amp is necessary to buffer the output voltage. The
reference input no longer sees a constant input impedance, but
one that varies with code. So, the voltage input should be driven
from a low impedance source.
VOUT
VDD
GND
VIN
IOUT2
IOUT1
RFB
VDD
VREF
R2
R1
NOTES
1. SIMILAR CONFIGURATION FOR DACB
2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 35. Single-Supply Voltage Switching Mode
Note that VIN is limited to low voltages, because the switches in
the DAC ladder no longer have the same source-drain drive
voltage. As a result, their on resistance differs and this degrades
the integral linearity of the DAC. Also, VIN must not go negative
by more than 0.3 V or an internal diode is turned on, exceeding
the maximum ratings of the device. In this type of application,
the full range of multiplying capability of the DAC is lost.
POSITIVE OUTPUT VOLTAGE
The output voltage polarity is opposite to the VREF polarity for
dc reference voltages. To achieve a positive voltage output, an
applied negative reference to the input of the DAC is preferred
over the output inversion through an inverting amplifier
because of the resistors’ tolerance errors. To generate a negative
reference, the reference can be level-shifted by an op amp such
that the VOUT and GND pins of the reference become the virtual
ground and −2.5 V, respectively, as shown in Figure 36.
VDD
RFB
IOUT1
IOUT2
C1
VOUT = 0 TO +2.5V
GND
VDD = 5V
VREF
NOTES:
1ADDITIONAL PINS OMITTED FOR CLARITY.
2C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED,
IF A1 IS A HIGH SPEED AMPLIFIER.
1/2 AD8552
12-BIT DAC
1/2 AD8552
ADR03
VOUT
VIN
GND
–5V
+5V
–2.5V
Figure 36. Positive Voltage Output with Minimum of Components
ADDING GAIN
In applications where the output voltage is required to be
greater than VIN, gain can be added with an additional external
amplifier, or it can also be achieved in a single stage. It is
important to take into consideration the effect of temperature
coefficients of the thin film resistors of the DAC. Simply placing
a resistor in series with the RFB resistor causes mismatches in the
temperature coefficients, resulting in larger gain temperature
coefficient errors. Instead, the circuit in Figure 37 is a recom-
mended method of increasing the gain of the circuit. R1, R2, and
R3 should all have similar temperature coefficients, but they
need not match the temperature coefficients of the DAC. This
approach is recommended in circuits where gains of greater
than 1 are required.
VDD
RFB
IOUT1
IOUT2
C1
GND
VDD
VREF
NOTES:
1ADDITIONAL PINS OMITTED FOR CLARITY.
2C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED,
IF A1 IS A HIGH SPEED AMPLIFIER.
12-BIT DAC
VIN
R2
R3
R2
VOUT
R1 =
R2R3
R2 + R3
GAIN =
R2 + R3
R2
Figure 37. Increasing the Gain of the Current Output DAC
DIVIDER OR PROGRAMMABLE GAIN ELEMENT
Current-steering DACs are very flexible and lend themselves to
many different applications. If this type of DAC is connected as
the feedback element of an op amp and RFB is used as the input
resistor, as shown in Figure 38, then the output voltage is
inversely proportional to the digital input fraction, D. For D
equal to 1 − 2n, the output voltage is
VOUT = −VIN/D = −VIN/(1 −2−n)


Similar Part No. - AD5415

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5415 AD-AD5415 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5415 AD-AD5415 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5415 AD-AD5415 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5415 AD-AD5415 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5415 AD-AD5415 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Similar Description - AD5415

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5405 AD-AD5405_15 Datasheet
794Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5405 AD-AD5405 Datasheet
925Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. 0
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425 AD-AD5425 Datasheet
417Kb / 20P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425YRMZ AD-AD5425YRMZ Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com