Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC-304 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADC-304
Description  8-Bit, 20MHz, Low-Power Flash A/D Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC-304 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADC-304 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-304 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-304 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-304 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-304 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ADC-304
®
®
MECHANICAL DIMENSIONS
MODEL
PACKAGE
ADC-304
28-pin DIP (plastic)
ADC-304-3
28-pin SOP (plastic)
ADC-304-3
28-Pin SOP (Plastic)
ADC-304
28-Pin DIP (Plastic)
ADC-304
1
15
14
28
1.494 ±0.010
(37.95 ±0.25)
0.022 ±0.004
(0.55 ±0.10)
0.100 TYP.
(2.540)
0.051 ±0.006
(1.30 ±0.15)
0.187 ±0.010
(4.75 ±0.25)
0.118 MIN.
(3.0 MIN.)
0° to 15°
0.011 ±0.003
(0.28 ±0.08)
0.52 ±0.02
(13.2 ±0.3)
0.600
(15.24)
SEATING
PLANE
0.020 MIN.
(0.50 MIN.)
ADC-304
1
15
14
28
0.018 ± 0.004
(0.45 ± 0.1)
0.090 ±0.011
(2.30 ±0.28)
0.30 ±0.01
(7.7 ±0.2)
0.366
(9.3)
0.006 ±0.003
(0.15 ±0.08)
0.050 TYP.
(1.270)
0.41 ±0.02
(10.3 ±0.4)
0.020 ±0.008
(0.5 ±0.2)
0.746 ±0.010
(18.95 ±0.25)
0.007 ±0.005
(0.18 ±0.13)
ORDERING INFORMATION
IN N O VA T IO N a n d E X C ELL E N C E
®
®
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000 / Fax: (508) 339-6356
For immediate assistance: (800) 233-2765
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DS-0075B
10/96
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH Munchen, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
ISO 9001
ISO 9001
REGISTERED


Similar Part No. - ADC-304

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
ADC-302 MURATA-PS-ADC-302 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-305-1 ETC-ADC-305-1 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
More results

Similar Description - ADC-304

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-207 ETC-ADC-207 Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
DATEL, Inc.
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com