Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5574IDGSRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC5574IDGSRG4
Description  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5574IDGSRG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC5574IDGSRG4 Datasheet HTML 1Page - Texas Instruments DAC5574IDGSRG4 Datasheet HTML 2Page - Texas Instruments DAC5574IDGSRG4 Datasheet HTML 3Page - Texas Instruments DAC5574IDGSRG4 Datasheet HTML 4Page - Texas Instruments DAC5574IDGSRG4 Datasheet HTML 5Page - Texas Instruments DAC5574IDGSRG4 Datasheet HTML 6Page - Texas Instruments DAC5574IDGSRG4 Datasheet HTML 7Page - Texas Instruments DAC5574IDGSRG4 Datasheet HTML 8Page - Texas Instruments DAC5574IDGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−1
−0.5
0
0.5
1
−0.5
−0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
Digital Input Code
Channel A
Channel A
VDD = 5 V
255
−1
−0.5
0
0.5
1
−0.5
−0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
Digital Input Code
Channel B
VDD = 5 V
255
DAC5574
SLAS407 – DECEMBER 2003
TIMING CHARACTERISTICS (continued)
V
DD = 2.7 V to 5.5 V, RL = 2 kΩ to GND; all specifications –40°C to +105°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Standard mode
300
ns
Fast mode
20 + 0.1CB
300
ns
tFDA
Fall time of SDA signal
High-speed mode, CB = 100 pF max
10
80
ns
High-speed mode, CB = 400 pF max
20
160
ns
Standard mode
4.0
µs
Setup time for STOP con-
tSU; tSTO
Fast mode
600
ns
dition
High-speed mode
160
ns
Capacitive load for SDA and
CB
400
pF
SCL
Fast mode
50
ns
Pulse width of spike sup-
tSP
pressed
High-speed mode
10
ns
Standard mode
Noise margin at the HIGH
VNH
level for each connected de-
Fast mode
0.2 VDD
V
vice (including hysteresis)
High-speed mode
Standard mode
Noise margin at the LOW
VNL
level for each connected de-
Fast mode
0.1 VDD
V
vice (including hysteresis)
High-speed mode
At T
A = +25°C, unless otherwise noted.
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
LINEARITY ERROR vs DIGITAL INPUT CODE
Figure 1.
Figure 2.
5


Similar Part No. - DAC5574IDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5574IDGSRG4 TI1-DAC5574IDGSRG4 Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5574IDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
[Old version datasheet]   QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
[Old version datasheet]   QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com