Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC237PWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC237PWT
Description  High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC237PWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC237PWT Datasheet HTML 4Page - Texas Instruments CD74HC237PWT Datasheet HTML 5Page - Texas Instruments CD74HC237PWT Datasheet HTML 6Page - Texas Instruments CD74HC237PWT Datasheet HTML 7Page - Texas Instruments CD74HC237PWT Datasheet HTML 8Page - Texas Instruments CD74HC237PWT Datasheet HTML 9Page - Texas Instruments CD74HC237PWT Datasheet HTML 10Page - Texas Instruments CD74HC237PWT Datasheet HTML 11Page - Texas Instruments CD74HC237PWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FIGURE 5. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 6. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
Test Circuits and Waveforms (Continued)
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD74HC137, CD74HCT137, CD54HC237, CD74HC237, CD74HCT237


Similar Part No. - CD74HC237PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC237PWT TI-CD74HC237PWT Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWT TI-CD74HC237PWT Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWT TI1-CD74HC237PWT Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWTE4 TI-CD74HC237PWTE4 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWTG4 TI-CD74HC237PWTG4 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
More results

Similar Description - CD74HC237PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC137 TI-CD74HC137_08 Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_07 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_02 Datasheet
65Kb / 9P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI1-CD74HC137_15 Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com