Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD20AN06A0 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD20AN06A0
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD20AN06A0 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD20AN06A0 Datasheet HTML 1Page - Fairchild Semiconductor FDD20AN06A0 Datasheet HTML 2Page - Fairchild Semiconductor FDD20AN06A0 Datasheet HTML 3Page - Fairchild Semiconductor FDD20AN06A0 Datasheet HTML 4Page - Fairchild Semiconductor FDD20AN06A0 Datasheet HTML 5Page - Fairchild Semiconductor FDD20AN06A0 Datasheet HTML 6Page - Fairchild Semiconductor FDD20AN06A0 Datasheet HTML 7Page - Fairchild Semiconductor FDD20AN06A0 Datasheet HTML 8Page - Fairchild Semiconductor FDD20AN06A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
June 2003
FDD20AN06A0 Rev. B
FDD20AN06A0
N-Channel PowerTrench® MOSFET
60V, 45A, 20m
Features
•rDS(ON) = 17mΩ (Typ.), VGS = 10V, ID = 45A
•Qg(tot) = 15nC (Typ.), VGS = 10V
• Low Miller Charge
•Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82547
Applications
• Motor / Body Load Control
• ABS Systems
• Powertrain Management
• Injection Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 12V and 24V systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
45
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 100
oC, V
GS = 10V)
32
A
Continuous (Tamb = 25
oC, V
GS = 10V, R
θJA = 52
oC/W)
8
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy ( Note 1)
50
mJ
PD
Power dissipation
90
W
Derate above 25
oC0.60
W/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252
1.67
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in
2 copper pad area
52
oC/W
D
G
S
TO-252AA
FDD SERIES
GATE
SOURCE
(FLANGE)
DRAIN


Similar Part No. - FDD20AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD20AN06A0 FAIRCHILD-FDD20AN06A0_10 Datasheet
325Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20mW
More results

Similar Description - FDD20AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com