Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAR1210RFC5P Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # UAR1210RFC5P
Description  High Precision, High Frequency Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR1210RFC5P Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  UAR1210RFC5P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR1210RFC5P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR1210RFC5P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UAR1210RFC5P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UAR1210RFC5P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 3/4
Tests According MIL-STD-202
Tests According MIL-STD-202 (UAR)
Temperature Cycling:
0.02%
Low Temp. Operation:
0.013%
Short Time Overload:
0.01%
Dielectric Strength:
0.01%
Load Life:
0.04%
Resistance to Soldering Heat:
0.012%
Moisture Test:
0.050%
Shock and Vibrations Test:
0.015%
Order Codes
Order Codes (UAR)
UAR1/8
210R
B
C6
P
Part
Number
UAR1/4
UAR1/8
UAR1/10
Resistance Value (Ω)
210R
210
2K1
2.1K
21K
21K
Resistance Tolerance
(%)
A2
±0.02
A5
±0.05
B
±0.10
C
±0.25
D
±0.5
F
±1.0
Temperature coefficient
(PPM/℃)
C5
±15
C6
±10
C7
±5
C9
±3
Package
P
Bulk


Similar Part No. - UAR1210RFC5P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UAR11010RA2C5P TOKEN-UAR11010RA2C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C6P TOKEN-UAR11010RA2C6P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C7P TOKEN-UAR11010RA2C7P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C9P TOKEN-UAR11010RA2C9P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA5C5P TOKEN-UAR11010RA5C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
More results

Similar Description - UAR1210RFC5P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF0505 ETC2-RF0505 Datasheet
40Kb / 1P
   RF series, high-precision, high-frequency chip resistors.
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
Token Electronics Indus...
RJ1622RA5C1P TOKEN-RJ1622RA5C1P Datasheet
354Kb / 3P
   RJ High Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
   HIGH PRECISION PLATE RESISTORS
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com