Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP165D Datasheet(PDF) 1 Page - TT Electronics.

Part # OP165D
Description  Plastic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP165D Datasheet(HTML) 1 Page - TT Electronics.

  OP165D Datasheet HTML 1Page - TT Electronics. OP165D Datasheet HTML 2Page - TT Electronics. OP165D Datasheet HTML 3Page - TT Electronics. OP165D Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OP165, OP166 Series
© TT electronics plc
Issue C
07/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each device in the OP165 and OP166 series is a high intensity gallium arsenide infrared emitting diode (GaAIAs) that is
molded in an IR transmissive clear epoxy package with either a dome or flat lens. Devices feature narrow and wide
irradiance patterns and a variety of electrical characteristics. The small T-1 package style makes these devices ideal for space
-limited applications.
OP165 and OP166 devices are mechanically and spectrally matched to the OP505 and OP535 series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Applications:
Space-limited applications
Applications requiring coupling efficiency
Features:
T-1 (3 mm) package style
Choice of narrow or wide irradiance pattern
Choice of dome lens or flat lens
Mechanically and spectrally matched to other OPTEK devices
Higher power output than GaAs at equivalent drive currents
Ordering Information
Part
Number
LED Peak
Wavelength
Output Power (mW/cm
2)
Min / Max
IF (mA)
Typ / Max
Total Beam
Angle
Lead
Length
OP165A
935 nm
1.95 / NA
20 / 50
18°
0.50"
OP165B
1.40 / 2.20
OP165C
0.85 / 1.60
OP165D
0.28 / NA
OP165W
0.50 / NA
90°
OP166A
1.95 / NA
18°
OP166B
1.40 / 2.20
OP166W
0.50 / NA
90°
RoHS


Similar Part No. - OP165D

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP165D OPTEK-OP165D Datasheet
1Mb / 2P
   GaAs Plastic Infrared Emitting Diodes
OP165D OPTEK-OP165D Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP165D OPTEK-OP165D Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP165D

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com