Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC549 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC549
Description  High Power Class B Output Stage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC549 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC549 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
500 - 25 - 09
Fig. 1 Test Circuit
All resistors in ohms, all capacitors in farads unless otherwise stated
U.S. Patent No. 4,085,382 - Patented in other countries
Fig. 2 Equivalent Circuit
C4
0.047
C2
6.8
C3
6.8
VB=1.3VDC
RL
400
RT=
ITRANS
LC/LD549
600
1kHz
VIN
60k
560
S1
S2
S3
C1
0.1
39
10
40dB ATTENUATOR
VOUT
TI
1:1
4
3
2
7
1
6
5
8
IAMP
All resistors in ohms, all capacitors in
µF unless otherwise stated
Gain = 20 Log
10 (
) +40 dB
VOUT
VIN
1
2
4
3
6
8
+
+
600
27k
5
7
=


Similar Part No. - LC549

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC54 MICROSEMI-LC54 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC54 MICROSEMI-LC54 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC54 MICROSEMI-LC54 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC54 NJSEMI-LC54 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Texas Instruments
LC540A TI-LC540A Datasheet
451Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - LC549

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS551 ETC1-GS551 Datasheet
96Kb / 4P
   High Power, Class B Output Stage
LC551 ETC1-LC551 Datasheet
66Kb / 3P
   High Power Class B Output Stage
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
   Class D/1-Bit Audio Power Output Stage
REV. 0
logo
List of Unclassifed Man...
LC552 ETC-LC552 Datasheet
131Kb / 3P
   High Power Class B Amplifier
logo
KEC(Korea Electronics)
KTD2061 KEC-KTD2061 Datasheet
266Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTB1469 KEC-KTB1469 Datasheet
259Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTD2161 KEC-KTD2161 Datasheet
264Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTB1369 KEC-KTB1369 Datasheet
261Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
logo
Analog Devices
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com