Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5316MNR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5316MNR2
Description  Four/Five/Six-Phase Buck CPU Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5316MNR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5316MNR2 Datasheet HTML 1Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 2Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 3Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 4Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 5Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 6Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 7Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 8Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
NCP5316
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering, Reflow (Note 1)
230 peak
°C
Storage Temperature Range
−65 to 150
°C
ESD Susceptibility:
Human Body Model (HBM)
2.0
kV
Moisture Sensitivity Level (MSL), LQFP
1
MSL, QFN
2
qJA, LQFP
52
°C/W
qJA, QFN, Pad Soldered to PCB
34
°C/W
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Number
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
15
ENABLE
18 V
−0.3 V
1.0 mA
1.0 mA
1−6
VID0−VID5
18 V
−0.3 V
1.0 mA
1.0 mA
7
LGND
50 mA
8
NC
NA
NA
NA
NA
9
NC
NA
NA
NA
NA
10
SGND
1.0 V
−1.0 V
1.0 mA
11
PWRGD
18 V
−0.3 V
1.0 mA
20 mA
12
PWRLS
7.0 V
−0.3 V
1.0 mA
1.0 mA
13
DRVON
7.0 V
−0.3 V
1.0 mA
1.0 mA
14
SS
7.0 V
−0.3 V
1.0 mA
1.0 mA
16
VFFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
17
VFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
18
COMP
7.0 V
−0.3 V
1.0 mA
1.0 mA
19
NC
NA
NA
NA
NA
20
NC
NA
NA
NA
NA
21
CS6N
18 V
−0.3 V
1.0 mA
1.0 mA
22
CS6P
18 V
−0.3 V
1.0 mA
1.0 mA
23
CS5N
18 V
−0.3 V
1.0 mA
1.0 mA
24
CS5P
18 V
−0.3 V
1.0 mA
1.0 mA
25
CS4N
18 V
−0.3 V
1.0 mA
1.0 mA
26
CS4P
18 V
−0.3 V
1.0 mA
1.0 mA
27
GND
0.4 A, 1.0
ms, 100 mA DC
28−33
GATE6−GATE1
18 V
−0.3 V
0.1 A, 1.0
ms, 25 mA DC
0.1 A, 1.0
ms, 25 mA DC
34
VCC
18 V
−0.3 V
0.4 A, 1.0
ms, 100 mA DC
35
ROSC
7.0 V
−0.3 V
1.0 mA
1.0 mA
36
CS1P
18 V
−0.3 V
1.0 mA
1.0 mA
37
CS1N
18 V
−0.3 V
1.0 mA
1.0 mA
38
CS2P
18 V
−0.3 V
1.0 mA
1.0 mA
39
CS2N
18 V
−0.3 V
1.0 mA
1.0 mA
40
CS3P
18 V
−0.3 V
1.0 mA
1.0 mA


Similar Part No. - NCP5316MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316MNR2 ONSEMI-NCP5316MNR2 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
More results

Similar Description - NCP5316MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
logo
Analog Devices
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
CS5132H ONSEMI-CS5132H Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 2
logo
Cherry Semiconductor Co...
CS5132 CHERRY-CS5132 Datasheet
238Kb / 19P
   Dual Output CPU Buck Controller
logo
ON Semiconductor
CS5132 ONSEMI-CS5132 Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com